Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 71 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 71 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 67Page - Microchip Technology ATSAMB11XR Datasheet HTML 68Page - Microchip Technology ATSAMB11XR Datasheet HTML 69Page - Microchip Technology ATSAMB11XR Datasheet HTML 70Page - Microchip Technology ATSAMB11XR Datasheet HTML 71Page - Microchip Technology ATSAMB11XR Datasheet HTML 72Page - Microchip Technology ATSAMB11XR Datasheet HTML 73Page - Microchip Technology ATSAMB11XR Datasheet HTML 74Page - Microchip Technology ATSAMB11XR Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
14.
ATSAMB11-ZR210CA Design Considerations
14.1
Placement and Routing Guidelines
It is critical to follow the recommendations listed below to achieve the best RF performance for the
ATSAMB11-ZR210CA module:
1.
The host board design should have a solid ground plane. It is recommended to have a 3x3 grid of
GND vias solidly connecting the exposed GND paddle of the module to the ground plane on the
inner/other layers of the host board. The module ground pins should have ground vias either on or
right next to the host PCB pad.
2.
Place GND polygon pour below the module. Do not have any breaks in this GND plane. Place
sufficient GND vias connecting this GND polygon pour with the GND plane on the inner/other layers
of the host board.
3.
When the ATSAMB11-ZR210CA is placed on the host board, a provision for the antenna must be
made. The antenna should not be placed directly on top of the host board design as seen in the
following figure (a). The best placement, for example, is placing the module at the edge of the host
board such that the module edge with the antenna extends beyond the main board edge by 3 mm,
as shown as (b). Alternatively, an acceptable case could be to provide a cutout in the host board,
as shown as (c). The cutout should be 7.5 mm (minimum) x 3 mm as shown in the Figure 14-2.
4.
Keep large metal objects as far away as possible from the antenna, to avoid electromagnetic field
blocking.
5.
Do not enclose the antenna within a metal shield.
6.
Keep any components that may radiate noise or signals within the 2.4 GHz – 2.5 GHz frequency
band far away from the antenna or better yet, shield those components. Any noise radiated from
the host board in this frequency band will degrade the sensitivity of the ATSAMB11-ZR210CA.
7.
Avoid routing any traces on the top layer of the host board in the area directly below the module.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com