Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 29 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 29 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 25Page - Microchip Technology ATSAMB11XR Datasheet HTML 26Page - Microchip Technology ATSAMB11XR Datasheet HTML 27Page - Microchip Technology ATSAMB11XR Datasheet HTML 28Page - Microchip Technology ATSAMB11XR Datasheet HTML 29Page - Microchip Technology ATSAMB11XR Datasheet HTML 30Page - Microchip Technology ATSAMB11XR Datasheet HTML 31Page - Microchip Technology ATSAMB11XR Datasheet HTML 32Page - Microchip Technology ATSAMB11XR Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 87 page
background image
0x12
RESERVED
0x13
QUAD DECODER
0x14
RESERVED
0x15
RESERVED
0x16
RESERVED
0x17
RESERVED
0x18
BROWNOUT DETECTED
7.1.3.11 GPIO Controller
The AHB GPIO is a general-purpose I/O interface unit that allows the CPU to independently control all
input or output signals on the ATSAMB11-XR2100A and ATSAMB11-ZR210CA. These can be used for a
wide variety of functions pertaining to the application.
The AHB GPIO provides a 16-bit I/O interface with the following features:
•
Programmable interrupt generation capability
•
Programmable masking support
•
Thread-safe operation by providing separate set and clear addresses for control registers
•
Inputs are sampled using a double flip-flop to avoid meta-stability issues
7.2
Memory Subsystem
The Cortex-M0 core uses a 128 KB instruction/boot ROM along with a 128 KB shared instruction and
data RAM.
Refer to BluSDK SMART BLE API Software Development Guide for the memory map of this memory
section.
7.2.1
Shared Instruction and Data Memory
The Instruction and Data Memory (IDRAM1 and IDRAM2) contains instructions and data used by the
ARM. The 128 KB size of IDRAM1 and IDRAM2 is used for BLE subsystem and also for the user
application. IDRAM1 contains three 32 KB memories and IDRAM2 contains two 16 KB memories that are
accessible to the ARM and used for instruction/data storage.
7.2.2
ROM
The ROM is used to store the boot code and BLE firmware, stack, and selected user profiles. The ROM
contains the 128 KB memory that is accessible to the ARM. The Boot loader code stored in ROM loads
the application from Flash to RAM.
7.2.3
BLE Retention Memory
The BLE functionality requires 8 KB state, instruction, and data to be retained in memory, when the
processor either goes into Sleep mode or Power down mode. The RAM is separated into specific power
domains to allow tradeoff in power consumption with retention memory size.
7.3
Non-Volatile Memory
The ATSAMB11-XR2100A and ATSAMB11-ZR210CA have 768 bits of non-volatile eFuse memory that
can be read by the CPU after device reset. This memory region is one-time- programmable. It is
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com