Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 14 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 14 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 10Page - Microchip Technology ATSAMB11XR Datasheet HTML 11Page - Microchip Technology ATSAMB11XR Datasheet HTML 12Page - Microchip Technology ATSAMB11XR Datasheet HTML 13Page - Microchip Technology ATSAMB11XR Datasheet HTML 14Page - Microchip Technology ATSAMB11XR Datasheet HTML 15Page - Microchip Technology ATSAMB11XR Datasheet HTML 16Page - Microchip Technology ATSAMB11XR Datasheet HTML 17Page - Microchip Technology ATSAMB11XR Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 87 page
background image
5.
Device States
This section includes details on the description and controlling of the Device states.
5.1
Description of Device States
The ATSAMB11-XR2100A and the ATSAMB11-ZR210CA have multiple device states, depending on the
state of the ARM processor and BLE subsystem.
Note:  The ARM is required to be powered on, if the BLE subsystem is active.
•
BLE_On_Transmit – Device is actively transmitting a BLE signal.
•
BLE_On_Receive – Device is in active receive state.
•
MCU_Only – Device has ARM processor powered-on and BLE subsystem powered-down.
•
Ultra_Low_Power – BLE subsystem and ARM processor are powered-down.
•
Power_Down – Device core supply off.
5.1.1
Controlling the Device States
The following pins are used to switch between the main device states:
•
C_EN – used to enable PMU
•
VDDIO – I/O supply voltage from an external power supply
•
AO_GPIO_0 - can be used to control the device from entering/exiting Ultra_Low_Power mode
To be in the Power_Down state, the VDDIO supply must be turned on and the C_EN must be maintained
at logic low (at GND level). To switch between the Power_Down state and the MCU_Only state, C_EN
must be maintained at logic high (VDDIO voltage level). Once the device is in the MCU_Only state, all
other state transitions are controlled entirely by software. When VDDIO supply is turned off and C_EN is
in logic low, the chip is powered off with no leakage.
When VDDIO supply is turned off, voltage cannot be applied to the ATSAMB11-XR2100A pins, as each
pin contains an ESD diode from the pin to supply. This diode turns on, when a voltage higher than one
diode-drop is supplied to the pin.
If voltage is applied to the signal pads while the chip is in a low power state, the VDDIO supply must be
on so the Power_Down state is used. Similarly, to prevent the pin-to-ground diode from turning on, do not
apply a voltage that is more than one diode-drop below ground to any pin.
The AO_GPIO_0 pin can be used to control the device from entering and exiting Ultra_Low_Power mode.
When AO_GPIO_0 is maintained in logic high state, the device will not enter Ultra_Low_Power mode.
When the AO_GPIO_0 is maintained in logic low, the device will enter Ultra_Low_Power mode provided
there are no BLE events to be handled. To achieve the lowest power consumption in Ultra_Low_Power
mode, AO_GPIO_0 pin must be held in logic low.
5.2
Power Sequences
The power sequences and timing parameters for the ATSAMB11-XR2100A and ATSAMB11-ZR210CA,
are illustrated below.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com