Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 56 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 56 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 52Page - Microchip Technology ATSAMB11XR Datasheet HTML 53Page - Microchip Technology ATSAMB11XR Datasheet HTML 54Page - Microchip Technology ATSAMB11XR Datasheet HTML 55Page - Microchip Technology ATSAMB11XR Datasheet HTML 56Page - Microchip Technology ATSAMB11XR Datasheet HTML 57Page - Microchip Technology ATSAMB11XR Datasheet HTML 58Page - Microchip Technology ATSAMB11XR Datasheet HTML 59Page - Microchip Technology ATSAMB11XR Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 87 page
background image
Table 10-10. SPI Slave Timing Parameters (1)
Parameter
Symbol
Min.
Max.
Units
Clock Input Frequency (2)
fSCK
2
MHz
Clock Low Pulse Width
tWL
55
ns
Clock High Pulse Width
tWH
55
Clock Rise Time
tLH
0
7
Clock Fall Time
tHL
0
7
TXD Output Delay(3)
tODLY
7
28
RXD Input Setup Time
tISU
5
RXD Input Hold Time
tIHD
10
SSN Input Setup Time
tSUSSN
5
SSN Input Hold Time
tHDSSN
10
Note: 
1.
Timing is applicable to all SPI modes.
2.
Maximum clock frequency specified is limited by the SPI Slave interface internal design. Actual
maximum clock frequency can be lower and depends on the specific PCB layout.
3.
Timing based on 15 pF output loading.
10.9.3
SPI Master Timing
The SPI Master Timing is provided in the following figure and table.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com