Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 67 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 67 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 63Page - Microchip Technology ATSAMB11XR Datasheet HTML 64Page - Microchip Technology ATSAMB11XR Datasheet HTML 65Page - Microchip Technology ATSAMB11XR Datasheet HTML 66Page - Microchip Technology ATSAMB11XR Datasheet HTML 67Page - Microchip Technology ATSAMB11XR Datasheet HTML 68Page - Microchip Technology ATSAMB11XR Datasheet HTML 69Page - Microchip Technology ATSAMB11XR Datasheet HTML 70Page - Microchip Technology ATSAMB11XR Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
13.
ATSAMB11-XR2100A Design Considerations
The ATSAMB11-XR2100A is offered in a shielded Land Grid Array (LGA) package with organic laminate
substrates. The LGA package makes the second level interconnect (from package to the customer PCB)
with an array of solderable surfaces. This may consist of a layout similar to a BGA with no solder spheres.
However, it may also have an arbitrary arrangement of solderable surfaces that typically includes large
planes for grounding or thermal dissipation, smaller lands for signals or shielding grounds, and in some
cases, mechanical reinforcement features for mechanical durability.
13.1
Layout Recommendation
Referring to the SiP footprint dimensions in Figure 11-1, it is recommended to use solder mask defined
with PCB pads 0.22 mm wide that have a 0.4 mm pitch. A Sample PCB pad layout in following figure
shows the required vias for the center ground paddle.
Figure 13-1. PCB Footprint For ATSAMB11-XR2100A
The land design on the customer PCB should follow the following rules:
1.
The solderable area on the customer PCB should match the nominal solderable area on the LGA
package 1:1.
2.
The solderable area should be finished with organic surface protectant (OSP), NiAu, or a solder
cladding.
3.
The decision on whether to have a solder mask defined (SMD) land or a non-solder mask defined
(NSMD) land depends on the application space.
–
SMD: If field reliability is at risk due to impact failures such as dropping a hand-held portable
application, then the SMD land is recommended to optimize mechanical durability.
–
NSMD: If field reliability is at risk due to a solder fatigue failure (temperature cycle related
open circuits), then the NSMD land is recommended to maximize solder joint life.
13.1.1
Power and Ground
Proper grounding is essential for correct operation of the SiP and peak performance. Figure 11-1 shows
the bottom view of the ATSAMB11-XR2100A SiP with exposed ground pads. The SiP exposed ground
pads must be soldered to customer PCB ground plane. A solid inner layer ground plane should be
provided. The center ground paddle of the SiP must have a grid of ground vias solidly connecting the pad
to the inner layer ground plane (one via per exposed center ground pads J41 to J49).
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com