Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 75 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 75 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 71Page - Microchip Technology ATSAMB11XR Datasheet HTML 72Page - Microchip Technology ATSAMB11XR Datasheet HTML 73Page - Microchip Technology ATSAMB11XR Datasheet HTML 74Page - Microchip Technology ATSAMB11XR Datasheet HTML 75Page - Microchip Technology ATSAMB11XR Datasheet HTML 76Page - Microchip Technology ATSAMB11XR Datasheet HTML 77Page - Microchip Technology ATSAMB11XR Datasheet HTML 78Page - Microchip Technology ATSAMB11XR Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 87 page
background image
•
The sealed bag has been open for > 168 hours.
•
Humidity Indicator Card reads >10%.
•
SiPs need to be baked for 8 hours at 125°C.
Figure 15-1. Solder Reflow Profile
15.5
Module Assembly Considerations
The Microchip ATSAMB11-ZR210CA module is manufactured without any conformal coating applied. It is
the customer’s responsibility if a conformal coating is specified and or applied to the ATSAMB11-
ZR210CA module.
Solutions like IPA and similar solvents can be used to clean the ATSAMB11-ZR210CA module. However,
cleaning solutions containing acid should never be used on the module.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com