Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 50 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 50 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 46Page - Microchip Technology ATSAMB11XR Datasheet HTML 47Page - Microchip Technology ATSAMB11XR Datasheet HTML 48Page - Microchip Technology ATSAMB11XR Datasheet HTML 49Page - Microchip Technology ATSAMB11XR Datasheet HTML 50Page - Microchip Technology ATSAMB11XR Datasheet HTML 51Page - Microchip Technology ATSAMB11XR Datasheet HTML 52Page - Microchip Technology ATSAMB11XR Datasheet HTML 53Page - Microchip Technology ATSAMB11XR Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 87 page
background image
Parameter
Condition
Min.
Typ.
Max.
Unit
INL(2)
100 KSPS. Internal VREF=1.6V. Same
result for external VREF.
-2
+2.5
LSB
THD
1 kHz sine input at 100 KSPS
73
dB
SINAD
1 kHz sine input at 100 KSPS
62.5
dB
SFDR
1 kHz sine input at 100 KSPS
73.7
dB
Conversion time
13
cycles
Current consumption
Using external VREF, at 100 KSPS
13.5
µA
Using internal VREF, at 100 KSPS
25.0
µA
Using external VREF, at 1 MSPS
94
µA
Using internal VREF, at 1MSPS
150
µA
Using internal VREF, during VBAT
monitoring
100
µA
Using internal VREF, during temperature
monitoring
50
µA
Internal reference voltage
Mean value using VBAT = 2.5V
1.026 (1)
V
Standard deviation across parts
10.5
mV
VBAT Sensor Accuracy
Without calibration
-55
+55
mV
With offset and gain calibration
-17
+17
mV
Temperature Sensor
Accuracy
Without calibration
-9
+9
ºC
With offset calibration
-4
+4
ºC
Note: 
1.
Effective VREF is 2xInternal Reference Voltage.
2.
These values are characterized for 0x4000F404<28:29>: 0x03 and with Vin in the range 0.25 VBAT
to 0.75 VBAT. If Vin is to be used beyond this range, configure 0x4000F404<28:29> with value =
0x00.
10.8
ADC Typical Characteristics
TC = 25ºC and VBAT = 3.0V, unless otherwise noted.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com