Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 17 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 17 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 13Page - Microchip Technology ATSAMB11XR Datasheet HTML 14Page - Microchip Technology ATSAMB11XR Datasheet HTML 15Page - Microchip Technology ATSAMB11XR Datasheet HTML 16Page - Microchip Technology ATSAMB11XR Datasheet HTML 17Page - Microchip Technology ATSAMB11XR Datasheet HTML 18Page - Microchip Technology ATSAMB11XR Datasheet HTML 19Page - Microchip Technology ATSAMB11XR Datasheet HTML 20Page - Microchip Technology ATSAMB11XR Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 87 page
background image
6.
Clocking
6.1
Overview
Figure 6-1. Clock Architecture
Figure 6-1 provides an overview of the clock tree and clock management blocks.
The BLE Clock is used to drive the BLE subsystem. The ARM clock is used to drive the Cortex-M0 MCU
and its interfaces (UART, SPI, and I2C); the recommended MCU clock speed is 26 MHz. The Low Power
Clock is used to drive all the low-power applications like the BLE sleep timer, always-on power
sequencer, always-on timer, and others.
The 26 MHz integrated RC Oscillator is used for most general purpose operations on the MCU and its
peripherals. In cases when the BLE subsystem is not used, the RC oscillator can be used for lower power
consumption. The frequency variation of this RC oscillator is up to ±50% over process, voltage, and
temperature.
The frequency variation of 2 MHz integrated RC Oscillator is up to ±50% over process, voltage, and
temperature.
The 32.768 kHz RTC Crystal Oscillator (RTC XO) is used for BLE operations as it will reduce power
consumption by providing the best timing for wake-up precision, allowing circuits to be in low-power sleep
mode for as long as possible until they need to wake-up and connect during the BLE connection event.
6.2
26 MHz Crystal Oscillator (XO)
A 26 MHz crystal oscillator is integrated into the ATSAMB11-XR2100A and ATSAMB11-ZR210CA to
provide the precision clock for the BLE operations.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com