Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 56 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 56 Page - ams AG

Back Button AS39513 Datasheet HTML 52Page - ams AG AS39513 Datasheet HTML 53Page - ams AG AS39513 Datasheet HTML 54Page - ams AG AS39513 Datasheet HTML 55Page - ams AG AS39513 Datasheet HTML 56Page - ams AG AS39513 Datasheet HTML 57Page - ams AG AS39513 Datasheet HTML 58Page - ams AG AS39513 Datasheet HTML 59Page - ams AG AS39513 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 108 page
background image
Page 56
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
DIMD[1:0] – Input mode for DIN pin (when not in SPI
communication).
2’b00 = CMOS input, non-inverting 100k ohm pull down to
ground enabled.
2’b01 = Digital sensor input with pull up. Pull-up current is
supplied to DIN only during a logging event.
2’b10 = Use the DIN pin for startup. When in the WAIT state, a
pull-up current is supplied to DIN. A falling edge on DIN
manually causes a transition from WAIT mode to ACTIVE mode.
If TMSRT is also 1, the event that happens first (delay or DIN
input) causes the transition from WAIT mode to ACTIVE mode.
2’b11 = Use the DIN pin for a logging interrupt. During ACTIVE
mode, a pull-up current is supplied to DIN. A falling edge on
DIN generates a logging event.
DLOG – Add the digital input and external sensor interrupt
values to the data that is logged. The two-bit value { din_i,
extirq_i } is added to the logging data.
0 = No status logging of the digital input and external sensor
interrupt.
1 = Add logging of the digital input and external sensor
interrupt.
DOMD[1:0] – Digital output mode (when not in SPI
communication).
2’b00 = CMOS (push-pull) output.
2’b01 = Pull-up output.
2’b10 = Pull-down output. DOUT is inverted relative to DOSRC
description below.
2’b11 = High impedance (disconnected) output. Default.
DOSRC[1:0] – Digital output source (when not in SPI
communication).
2’b00 = DOUT is a copy of the external interrupt comparator
output.
2’b01 = DOUT is high when an ISO 15693 command has been
recognized and is being processed.
2’b10 = DOUT is high when the RF field is available.
2’b11 = DOUT is the logical OR of EEFULL, ADCERR, LOWBAT,
and OVLIM. If OSCEN=1, the output is AND’d with a modulated
signal that is 1/32 second high (32 counts of osc1k) and 31/32
second low (992 counts of osc1k).
BATCHK – Battery check at the start of logging.
0 = No battery check.
1 = Do a battery check in order to qualify the logging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com