Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 3 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 3 Page - ams AG

  AS39513 Datasheet HTML 1Page - ams AG AS39513 Datasheet HTML 2Page - ams AG AS39513 Datasheet HTML 3Page - ams AG AS39513 Datasheet HTML 4Page - ams AG AS39513 Datasheet HTML 5Page - ams AG AS39513 Datasheet HTML 6Page - ams AG AS39513 Datasheet HTML 7Page - ams AG AS39513 Datasheet HTML 8Page - ams AG AS39513 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 108 page
background image
ams Datasheet
Page 3
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − General Description
Block Diagram
The functional blocks of this device are shown below:
Figure 2:
Functional Blocks of AS39513
ANT1
ANT2
VEXT
VBAT
VSS
Temperature
Sensor
External
Sensor
SPI
Slave
CE
DIN
DOUT
SCLK
ISO 15693
State
Machine
9 Kb
EEPROM
Real-Time
Clock
1024Hz
10-Bit
ADC
Main Controller
Test
ATEST
SEXT
13.56 MHz
AFE
Power
Management
EPTEST
13.56MHz
Single cell (1.5V)/
or Dual cell (3V)
CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com