Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 27 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 27 Page - ams AG

Back Button AS39513 Datasheet HTML 23Page - ams AG AS39513 Datasheet HTML 24Page - ams AG AS39513 Datasheet HTML 25Page - ams AG AS39513 Datasheet HTML 26Page - ams AG AS39513 Datasheet HTML 27Page - ams AG AS39513 Datasheet HTML 28Page - ams AG AS39513 Datasheet HTML 29Page - ams AG AS39513 Datasheet HTML 30Page - ams AG AS39513 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 108 page
background image
ams Datasheet
Page 27
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
Manual Log Start
In addition to the delayed Start Log, the application can start
the logging manually (without a RFID reader). The manual
control can be of 2 types:
1.
To manually execute the transaction from WAIT to
ACTIVE mode. When in WAIT mode, a pull-up current is
supplied to DIN pin. A falling edge on DIN, for instance
generated by an external button, manually cause the
transaction.
2.
To manually execute a logging event when the device
is in ACTIVE mode. When in ACTIVE mode, a pull-up
current is supplied to DIN pin. A falling edge on DIN, for
instance generated by an external button, manually
cause the logging event.
During ACTIVE mode, a pull-up current is supplied to DIN, so
the only required external component is the button. A falling
edge on DIN generates a logging event and the logging will be
started.
Logging Mode Data Formats
The data formats for the various logging modes are shown in
Figures 15 to 19. The start address for the Measured (logged)
data is determined by APPBLKS. If APPBLKS = 0 the start address
for Measured data is byte address 0x004. Note each new
measurement is added in the memory from right to left with
the LSB of the next measurement starting at the first free bit
from the right immediately next to the previous measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com