Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 24 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 24 Page - ams AG

Back Button AS39513 Datasheet HTML 20Page - ams AG AS39513 Datasheet HTML 21Page - ams AG AS39513 Datasheet HTML 22Page - ams AG AS39513 Datasheet HTML 23Page - ams AG AS39513 Datasheet HTML 24Page - ams AG AS39513 Datasheet HTML 25Page - ams AG AS39513 Datasheet HTML 26Page - ams AG AS39513 Datasheet HTML 27Page - ams AG AS39513 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 108 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
Status Parameters: As a last step in the logging operation, the
measurement count, MEASCNT, is incremented.
If update counts SKIP16 = 0 or MEASCNT[3:0] = 4’b1111, then
MEASCNT, the status bits ACTIVE, EEFULL, OVWRT, ADCERR,
LOWBAT, and OVLIM, and the ending measurement pointer
MEASPTR are written into EEPROM.
Even if no logging occurred (because the limit conditions were
not met or the EEPROM was full), the measurement count
MEASCNT is still incremented and written into EEPROM (still
using the SKIP16 option to only write once every 16
measurements). The measurement counter MEASCNT clips at
16’hFFFF so that it does not wraparound to 0. The measurement
pointer MEASPTR is only updated if data was logged to the
EEPROM; it always points to just after the end of the data that
was actually written to EEPROM.
Logging Arbitration: In the condition that another enabled
logging event occurs before the logging of the current event is
complete, the next logging event will be queued and will
commence at the completion of the current logging operation.
If an RFID or SPI command request occurs during logging, the
command is ignored in order to prevent conflicts in EEPROM
access.
Power Modes
The controller modes described above also control which of the
sensor blocks are enabled.
If the controller is in any of the COMMAND modes, the LOGGING
mode or the RESET initialization, there is a high-speed
(fSYS=1.92 MHz) ring oscillator that is enabled to clock the
controller logic and the EEPROM.
In the LOGGING mode, there are three additional power modes.
Battery check mode (bchk_md) enables all the sensor circuits
needed to do the coarse battery check, which is basically
everything in the sensor system except the ADC. Measure mode
(meas_md) enables basically everything in the sensor system
except the battery check circuit; this mode is used for
temperature and external sensor measurements. Battery
voltage mode (both bchk_md and meas_md enabled) is used
to measure the battery voltage.
If the AS39513 is not in one of the modes requiring the ring
oscillator, the ring oscillator is disabled and the lowpow signal
is asserted. This signal causes the power switch in the AFE to
switch to an unregulated supply for the logic, further reducing
the power consumption. The only circuits that are operational
in this low power mode that would draw current from the
external battery are the real time oscillator (if OSCEN = 1) and
the external interrupt comparator (if EIEN = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com