Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 71 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 71 Page - ams AG

Back Button AS39513 Datasheet HTML 67Page - ams AG AS39513 Datasheet HTML 68Page - ams AG AS39513 Datasheet HTML 69Page - ams AG AS39513 Datasheet HTML 70Page - ams AG AS39513 Datasheet HTML 71Page - ams AG AS39513 Datasheet HTML 72Page - ams AG AS39513 Datasheet HTML 73Page - ams AG AS39513 Datasheet HTML 74Page - ams AG AS39513 Datasheet HTML 75Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 108 page
background image
ams Datasheet
Page 71
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
Where:
ERR – Error flag.
0 = No error detected.
1 = Error detected. The normal command response parameters
and data will be replaced with an 8-bit error code.
EXTEN – Command extension enabled. This will always be 0 in
the AS39513.
When an error occurs, the response parameter and data fields
will be replaced with a one-byte error code from the list below.
The Response Structure from Tag in Error case is:
Figure 47:
Error Handling
SOF
Flags
Error Code
CRC
EOF
8 bits
8 bits
16 bits
Error Code
Description
0x01
Command code invalid or not supported.
0x02
Command not recognized; format error.
0x03
Command option not supported.
0x0F
Unknown error.
0x10
The specified block is not available (doesnot exist).
0x11
The specified block is already locked and cannot be locked again.
0x12
The specified block is already locked and cannot be written.
0xA0
Incorrect password or memory access not opened.
0xA2
Battery measurement error.
0xA3
A/D conversion error.
0xA6
EEPROM collision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com