Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 66 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 66 Page - ams AG

Back Button AS39513 Datasheet HTML 62Page - ams AG AS39513 Datasheet HTML 63Page - ams AG AS39513 Datasheet HTML 64Page - ams AG AS39513 Datasheet HTML 65Page - ams AG AS39513 Datasheet HTML 66Page - ams AG AS39513 Datasheet HTML 67Page - ams AG AS39513 Datasheet HTML 68Page - ams AG AS39513 Datasheet HTML 69Page - ams AG AS39513 Datasheet HTML 70Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 108 page
background image
Page 66
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
For descriptions of all of these parameters, see Logging Control
Parameters.
Factory Registers
Mirrored Factory Registers
The addresses 0x640 through 0x643 access registers whose
values are copied from the EEPROM addresses 0x440 through
0443 during device initialization. After initialization, if an
EEPROM write occurs to the addresses 0x440 through 0x443,
the corresponding register in the 0x640 through 0x643 address
range is also updated.
The mirrored factory register values cannot be accessed directly
through the RFID interface. They can also be written through
the SPI interface if Factory access is open. Writing to the address
locations 0x640 through 0x643 only changes the register value;
it does not change the EEPROM value. It is intended that the
register values will be changed directly during factory
calibration, and then the final values will be written into
EEPROM when the calibration is complete. These registers
cannot be read. Reading bytes from these address locations just
returns 0x00.
Figure 43:
Mirrored Factory Registers
For descriptions of all of these parameters, see Factory Trim and
RFID Parameters.
0x63F
WAKEMD
MEASPTR[11:8]
Addr.
Bit
7
6
5
4
3
2
1
0
0x640
OSCTRIM[7:0]
0x641
LKALL
ROSTRIM[4:0]
0x642
V0TRIM[4:0]
0x643
TSENTRIM[3:0]
Addr.
Bit
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com