Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 57 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 57 Page - ams AG

Back Button AS39513 Datasheet HTML 53Page - ams AG AS39513 Datasheet HTML 54Page - ams AG AS39513 Datasheet HTML 55Page - ams AG AS39513 Datasheet HTML 56Page - ams AG AS39513 Datasheet HTML 57Page - ams AG AS39513 Datasheet HTML 58Page - ams AG AS39513 Datasheet HTML 59Page - ams AG AS39513 Datasheet HTML 60Page - ams AG AS39513 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 108 page
background image
ams Datasheet
Page 57
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
BTYPE[2:0] – Battery type algorithm to use.
3’b000 = Battery voltage is assumed to be nominally 1.5 V.
3’b001 = Battery voltage is assumed to be nominally 3.0 V.
If the BTYPE value is changed for example from 3V type to 1.5V
type, the new BTYPE value will only take effect after the next
power up of the chip. The temperature sensor accuracy is only
guaranteed if the chip is operated with a battery corresponding
to the BTYPE it was tested with.
BCKSEL[1:0] – Battery compare threshold. Threshold also
depends on whether the battery is a 3 V or 1.5 V type as
determined by the BTYPE[2:0] above. This is mapped directly to
bchk_sel_o. When BTYPE is set for 1.5V batteries, BCKSEL can
only have the default value BCKSEL[1:0] = 00. Please see
Figure 10 for the battery check threshold values.
TSMEAS – Enable temperature sensor logging.
0 = No temperature measurements.
1 = During logging, temperature measurements are made and
optionally recorded depending on the logging mode.
BVMEAS – Enable an ADC measurement of the battery voltage.
0 = No ADC measurement of the battery voltage is made or
logged.
1 = Enable ADC measurement and logging of the battery
voltage.
EXMEAS – Enable external sensor logging.
0 = No external sensor measurements.
1 = During logging, external sensor measurements are made
and optionally recorded depending on the logging mode.
EIEN – Enable external sensor interrupt.
0 = No external sensor interrupt.
1 = External sensor interrupt can trigger a logging event.
Interrupt will be triggered when the voltage on the SEXT pin
falls below the threshold defined by EXIVSET. Interrupt is
falling-edge sensitive, so the SEXT pin must rise above the
threshold before an additional sensor interrupt can be
triggered.
LOGMD[1:0] – Logging mode for all sensors.
2’b00 – Dense mode. Logging will occur for all logging events.
No measurement count or real-time clock values will be logged.
2’b01 – Interrupt mode. Logging will occur for all logging
events. Sensors are always logged to 10-bit accuracy. The
real-time clock value and interrupt source are logged. The
interrupt source is a two-bit value: 2’b01 = external sensor
interrupt, and 2’b10 = DIN interrupt.
2’b10 – Normal limit mode. Enable logging if any of the limit
check conditions are met. Sensors are always logged to 10-bit
accuracy. If a measurement is logged, the value of the
measurement counter is also logged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com