Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 52 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 52 Page - ams AG

Back Button AS39513 Datasheet HTML 48Page - ams AG AS39513 Datasheet HTML 49Page - ams AG AS39513 Datasheet HTML 50Page - ams AG AS39513 Datasheet HTML 51Page - ams AG AS39513 Datasheet HTML 52Page - ams AG AS39513 Datasheet HTML 53Page - ams AG AS39513 Datasheet HTML 54Page - ams AG AS39513 Datasheet HTML 55Page - ams AG AS39513 Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 108 page
background image
Page 52
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
ELOLIM[7:0] – Fourth threshold to use for limit checks during
external sensor measurements. See the section on Limit Check
Algorithm above.
EXHICNT[7:0] – Counter for the number of times that the first
threshold condition was met during limit checks of the external
sensor measurement. If this count is non-zero, the over limit
count flag, OVLIM, will be set.
EXLOCNT[7:0] – Counter for the number of times that the
second threshold condition was met (but not the first
condition) during limit checks of the external sensor
measurement. If this count is non-zero, the over limit count flag,
OVLIM, will be set.
EHICNT[7:0] – Counter for the number of times that the third
threshold condition was met (but not the first or second
condition) during limit checks of the external sensor
measurement.
ELOCNT[7:0] – Counter for the number of times that the fourth
threshold condition was met (but not the first, second, or third
condition) during limit checks of the external sensor
measurement.
EHIMAX[7:0] – Maximum count for the number of times that
the third threshold condition was met (but not the first or
second condition) during limit checks of the external sensor
measurement. If EHICNT > EHIMAX, then the over limit count
flag, OVLIM, will be set.
ELOMAX[7:0] – Maximum count for the number of times that
the fourth threshold condition was met (but not the first,
second, or third condition) during limit checks of the external
sensor measurement. If ELOCNT > ELOMAX, then the over limit
count flag, OVLIM, will be set.
Logging Control Parameters
The logging control parameter EEPROM page from addresses
0x430 through 0x43F contains parameters used during logging
and other system controls. All have the standard System level
access through RFID and SPI. This page is copied to registers at
0x630 through 0x63F during device initialization. After
initialization, if an EEPROM write occurs to these addresses
either from the RFID or SPI interface, the corresponding register
in the 0x630 through 0x63F page is also updated. In addition,
the status byte 0x43D is updated at the end of a logging event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com