Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 59 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 59 Page - ams AG

Back Button AS39513 Datasheet HTML 55Page - ams AG AS39513 Datasheet HTML 56Page - ams AG AS39513 Datasheet HTML 57Page - ams AG AS39513 Datasheet HTML 58Page - ams AG AS39513 Datasheet HTML 59Page - ams AG AS39513 Datasheet HTML 60Page - ams AG AS39513 Datasheet HTML 61Page - ams AG AS39513 Datasheet HTML 62Page - ams AG AS39513 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
ams Datasheet
Page 59
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
Figure 38:
Voltage Threshold for External Interrupt
EICUR – Enable the current drive for the external sensor
interrupt. This is independent of the EXCSET current source and
is only used if EIEN = 1.
0 = Disable external sensor interrupt current.
1 = Enable current drive for external sensor interrupt if EIEN = 1.
EXCSET[4:0] – Current drive select for external sensor
measurement. This current is only active during the external
sensor measurement. It is not used when the AS39513 is in low
power mode waiting for an interrupt or timer event. This value
is mapped directly to trf_iset_o[4:0]. See the description of the
Trimmed Reference circuit for more information.
OVLIM – Limit count threshold exceeded.
0 = No limit count thresholds exceeded.
1 = One of the eight limit count thresholds have been exceeded.
ACTPOR – Active wakeup after power-up reset.
0 = The AS39513 has not had a reset direct to ACTIVE mode
event.
1 = The AS39513 has had a power on reset occur when WAKEMD
= 1 and ACTIVE = 1.
LOWBAT – Low battery condition.
0 = No low battery condition measured.
1 = The battery check operation (BATCHK = 1) resulted in a low
battery indication.
ADCERR – ADC error flag.
ADCERR is a flag in system EEPROM which is set by an under or
overflow of the ADC during logging measurements. Once set it
remains set until the system EEPROM bit is cleared by a write
command to system EEPROM memory. The ADCERR flag is not
set by an ADC under or overflow during a Do Measurement
command.
0 = No ADC error has occurred.
1 = An ADC error has occurred, either from an input signal out
of range or a poorly chosen combination of reference voltage
settings.
EXIVSET[1:0]
Voltage Threshold
2’b00
vdda * 0.256
2’b01
vdda * 0.083
2’b10
vdda * 0.355
2’b11
vdda * 0.438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com