Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 44 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 44 Page - ams AG

Back Button AS39513 Datasheet HTML 40Page - ams AG AS39513 Datasheet HTML 41Page - ams AG AS39513 Datasheet HTML 42Page - ams AG AS39513 Datasheet HTML 43Page - ams AG AS39513 Datasheet HTML 44Page - ams AG AS39513 Datasheet HTML 45Page - ams AG AS39513 Datasheet HTML 46Page - ams AG AS39513 Datasheet HTML 47Page - ams AG AS39513 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 108 page
background image
Page 44
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
Memory Access Levels
Every address in the memory map is assigned to one of four
types of access levels: Application, Measurement, System, and
Factory. The properties of each access level are described in this
section and shown in Figure 32.
Figure 32:
Memory Map
Application Access Region
The Application access region is for application parameters that
are protected from data logging. This region begins at byte
address 0x000 and ends at byte address 4*APPBLKS[7:0] + 3.
This region is readable by both the RFID and SPI memory access
commands. It is writeable through RFID only if Application
access has been granted through the Set Access command. It
is always writeable through the SPI.
Memory Area
Location
Contents
RFID Access
SPI Access
Application
0x000
-4*APPBLKS[7:0]+3
Application data
not logged data
Readable by RFID.
Writeable by RFID
if Application
access has been
granted through
Set Access
Read/Write by SPI
Measurement
4*APPBLKS[7:0]+4
to 0x3FF
Logged data
Readable by RFID.
Writeable by RFID if
Measurement
access has been
granted through
Set Access
Read/Write by SPI
System
See Memory Map
Layout
System-level
parameters (e.g.
logging start time,
logging interval &
limits), data
pointers, and
other control
settings.
Readable by RFID.
Writeable by RFID if
System access has
been granted
through Set Access
Read/Write by SPI
Factory
See Memory Map
Layout
Calibration info,
passwords,
memory lock bits
etc.
Examples are UID,
real time and
system oscillator
trim values
Lock bits can be set
but not read
through the RF
interface using the
Lock Block
command but
otherwise not
accessible through
the RF interface.
Readable through
SPI Writeable
through SPI if
Factory access is
active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com