Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 43 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 43 Page - ams AG

Back Button AS39513 Datasheet HTML 39Page - ams AG AS39513 Datasheet HTML 40Page - ams AG AS39513 Datasheet HTML 41Page - ams AG AS39513 Datasheet HTML 42Page - ams AG AS39513 Datasheet HTML 43Page - ams AG AS39513 Datasheet HTML 44Page - ams AG AS39513 Datasheet HTML 45Page - ams AG AS39513 Datasheet HTML 46Page - ams AG AS39513 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 108 page
background image
ams Datasheet
Page 43
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
The decoding of the address MSBs can discriminate the
addressed memory area as follows:
• EEPROM area with Application or Measurement access
level
If the Address[10] is 0 then the addressed memory are is
EEPROM and the access level is either Application or
Measurement. The boundary between the Application
and Measurement regions is determined by the number
of four-byte memory blocks, APPBLKS parameter,
described later in this section.
• EEPROM area with System or Factory access level
If the Address[10:9] is 2’b10 then the addressed memory
is the upper part of the EEPROM.
If the Address[6] is 0, the access level is System, and if
Address[6] is 1, the access level is Factory.
The Address[8:7] is simply ignored and treated as if those
two bits were 0.
•Registers area with System or Factory access level
If the Address[10:9] is 2’b11, the memory hardware is
registers in the logic.
If the Address[6] is 0, the access level is System, and if the
Address[6] is 1, the access level is Factory.
The Address[7] is ignored and treated as if it were 0.
The section below describes the memory access levels in more
detail. The remaining sections in this chapter describe the
parameters in the System and Factory regions of the memory
map, one 16-byte page at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com