Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 46 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 46 Page - ams AG

Back Button AS39513 Datasheet HTML 42Page - ams AG AS39513 Datasheet HTML 43Page - ams AG AS39513 Datasheet HTML 44Page - ams AG AS39513 Datasheet HTML 45Page - ams AG AS39513 Datasheet HTML 46Page - ams AG AS39513 Datasheet HTML 47Page - ams AG AS39513 Datasheet HTML 48Page - ams AG AS39513 Datasheet HTML 49Page - ams AG AS39513 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 108 page
background image
Page 46
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
Factory Access Region
The Factory access region is for factory-only calibration
parameters and control settings, as well as password storage
and memory lock bits. The region is not accessible through the
RFID interface. Attempts to write to this region through the RFID
interface will generate a password error. Reads through the
RFID interface will simply read 0x00 for each byte with no error.
The Factory access regions are readable through the SPI, but
are only writeable if Factory access is active.
Factory access is made active by writing a special hard-coded
Factory access password using the SPI direct command “Factory
Access”. If Factory access is not open, SPI writes to Factory access
area will simply be ignored.
There are three sub-regions of Factory access.
The first sub-region is the EEPROM region from address 0x440
through 0x47F. All values in this region are readable and
writable via the SPI with the correct access.
The second sub-region of Factory access is the mirrored
registers. It is for EEPROM parameters that are read and copied
into registers at startup. This region is from address 0x640
through 0x67F. All values in this region are write-only (with the
correct access). All bytes in this region will read back as 0x00
(with no error).
The third sub-region of Factory access is the volatile registers.
These registers are used for factory level parameters that are
not duplicated in the EEPROM and require access through the
memory map. This region goes from address 0x740 through
0x77F. All values are writeable with the correct access. No
addresses in this region are readable; they all read back as 0x00
with no error.
The remaining sections in this chapter describe the parameters
in the System and Factory regions of the memory map, one
16-byte page at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com