Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 25 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 25 Page - ams AG

Back Button AS39513 Datasheet HTML 21Page - ams AG AS39513 Datasheet HTML 22Page - ams AG AS39513 Datasheet HTML 23Page - ams AG AS39513 Datasheet HTML 24Page - ams AG AS39513 Datasheet HTML 25Page - ams AG AS39513 Datasheet HTML 26Page - ams AG AS39513 Datasheet HTML 27Page - ams AG AS39513 Datasheet HTML 28Page - ams AG AS39513 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 108 page
background image
ams Datasheet
Page 25
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
Data Log Functions
The AS39513 device supports various flexible data log formats.
The data log format depends on the Logging form. The data log
formats are defined in Figure below. The Logging form is set
with the logging mode LOGMD[1:0] System parameter stored
in the Logging Control Parameters address 0x43B (bits 4-5) in
the EEPROM.
Figure 13:
Supported Logging Formats
Storage Mode
The storage mode defines what happens when the logging area
in the EEPROM is full.
The storage mode is set with the storage mode STRMD System
parameter, stored in the Logging Control Parameters address
0x40E (bit 6) in the EEPROM.
Figure 14:
Storage Mode
Bit 5
Bit 4
Logging Form
Description
00
Dense
Logging will occur for all logging events. No measurement count or
real-time clock values will be logged.
01
Interrupt
Interrupt mode. Logging will occur for all logging events. Sensors are
always logged to 10-bit accuracy. The real-time clock value and
interrupt source are logged.
The interrupt source is a two-bit value:
2’b01 = external sensor interrupt, and 2’b10 = DIN interrupt.
10
Normal limit
Enable logging if any of the limit check conditions are met. Sensors are
always logged to 10-bit accuracy. If a measurement is logged, the value
of the measurement counter is also logged.
1
1
Limit crossing
Enable logging only if one of the limit check conditions is different
than that from the previous logging event. Sensors are always logged
to 10-bit accuracy. If a measurement is logged, the value of the
measurement counter is also logged.
Bit
Storage Mode
Description
0Normal
When the logging area in the EEPROM is full, the chip does not store any
new sensor data to the EEPROM, additional logging values will be lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com