Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 17 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 17 Page - ams AG

Back Button AS39513 Datasheet HTML 13Page - ams AG AS39513 Datasheet HTML 14Page - ams AG AS39513 Datasheet HTML 15Page - ams AG AS39513 Datasheet HTML 16Page - ams AG AS39513 Datasheet HTML 17Page - ams AG AS39513 Datasheet HTML 18Page - ams AG AS39513 Datasheet HTML 19Page - ams AG AS39513 Datasheet HTML 20Page - ams AG AS39513 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 108 page
background image
ams Datasheet
Page 17
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
IDLE Mode
In the IDLE mode the device is waiting for commands either
from the RFID or SPI interface. In this state the device can be
first initialized after the first power up by setting the related
EEPROM parameters. Initiating either interface and sending a
command enables the internal “command” signal that moves
the device into IDLE COMMAND mode.
In IDLE mode the data logging parameters can be configured
using Write System Block commands. Once fully configured a
Set mode command can be used to either commence logging
or change state to the WAIT state.
WAIT Mode
In WAIT mode the device is waiting before to enter in the ACTIVE
mode for a defined condition that is dependent on the System
parameters (Logging Control Parameters) set in the EEPROM.
WAIT mode provides in fact a mechanism to delay the start of
logging after the Set Mode command is issued.
If the parameter TMSRT is set to 1, then the WAIT mode will
transition to the ACTIVE mode after LOGDEL*512 seconds,
where LOGDEL is also part of the System Parameters.
If the parameter DIMD[1:0] is 2’b10, then the WAIT mode will
transition to the ACTIVE mode when the DIN pin is pulled low.
If TMSRT is 0 and DIMD is not 2’b10, then the WAIT mode will
transition without delay to the ACTIVE mode. (The bit fields
TMSRT, DIMD, and LOGDEL are further documented in the
Memory Map section.)
Commands from either the RFID or SPI interfaces are accepted
in the WAIT mode. If a command request and a start event occur
at the exact same time, the command processing has priority;
the mode will transition to ACTIVE when the command is done.
If a command is being processed when a start event occurs, the
start event is pending until the command is completed and
then the transition to ACTIVE mode occurs.
When the device transitions from the WAIT to the ACTIVE mode,
the real time clock counter (RTC) is reset to 0. In this way, the
baseline time of the AS39513 is the time that the device was
placed in ACTIVE mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com