Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 12 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 12 Page - ams AG

Back Button AS39513 Datasheet HTML 8Page - ams AG AS39513 Datasheet HTML 9Page - ams AG AS39513 Datasheet HTML 10Page - ams AG AS39513 Datasheet HTML 11Page - ams AG AS39513 Datasheet HTML 12Page - ams AG AS39513 Datasheet HTML 13Page - ams AG AS39513 Datasheet HTML 14Page - ams AG AS39513 Datasheet HTML 15Page - ams AG AS39513 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
Processing and Digital Control
The AS39513 is fully ISO15693 compliant. The processing of the
incoming data is executed by the ISO15693 CODEC block that
formats the data in a frame according to the ISO specification.
Both data coding modes (1 out of 256 and 1 out of 4) are
supported by the AS39513. The reader (interrogator) makes the
mode selection as part of the SOF (Start of Frame). The 1-of-256
data coding mode has a data rate of 1.65 kbit/s (fc/8192)
meaning that the transmission of one byte takes 4.833 ms. The
1-of-4 coding has a rate of 26.48 kbit/s (fc/512) with the
transmission of one byte requiring 302.08 μs.
This RFID interface can be used to access most of the EEPROM
storage and to control the operating mode of the AS39513.
Slave Serial Interface (SPI-like)
The integrated serial interface (SPI-like) can be used to
configure and test the chip.
The SPI-like bus can also be used for the communication
between a microcontroller externally attached to the AS39513.
With the correct access password, it can also be used to access
all regions of the EEPROM and the AS39513 test modes.
Please note SPI enable is active high. The SPI Read command
also has 2 timing issues which need to be observed and are
explained in the section SPI timing.
Real-Time Clock (RTC)
The on-chip real-time clock (RTC) is an integrating RC-type
oscillator that is factory trimmed to fRTC. This oscillator is used
to generate logging intervals tLOGINT and track the time since
the chip was first initialized. The start time for the logging
process can be programmed in UPC format by writing the
related parameter in the EEPROM configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com