Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 19 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 19 Page - ams AG

Back Button AS39513 Datasheet HTML 15Page - ams AG AS39513 Datasheet HTML 16Page - ams AG AS39513 Datasheet HTML 17Page - ams AG AS39513 Datasheet HTML 18Page - ams AG AS39513 Datasheet HTML 19Page - ams AG AS39513 Datasheet HTML 20Page - ams AG AS39513 Datasheet HTML 21Page - ams AG AS39513 Datasheet HTML 22Page - ams AG AS39513 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 108 page
background image
ams Datasheet
Page 19
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
Battery Check
Before executing any measurement it is possible to check the
status of the battery by performing the so called Battery Check.
It is executed if the System parameter BATCHK is set to 1, then
a coarse battery check is enabled. The reason of performing this
check is that the power-on-reset only ensures that the battery
voltage is enough for the logic to function but it does not
guarantee that the battery voltage is within the tolerances for
accurate measurements.
The battery check involves the following steps. First, the battery
check sensor elements are enabled. There is a brief wait for the
analog circuits to settle. Using the battery type determined
during RESET mode, the battery check comparator output will
indicate if the battery voltage is acceptable. If it is, then the rest
of the logging continues, if it is not, the logging stops, and the
error flag, present in the System parameter, LOWBAT is set. Note
that if a logging event was skipped because of low battery, the
measurement counter is still incremented to give some
indication of how many measurements were skipped. Because
the battery may be too weak for a reliable write, the
measurement counter will not be written to EEPROM if the
battery voltage check has failed.
Figure 10:
Battery Check Threshold Voltages
Battery Type
BCKSEL [1:0]
Threshold Voltage (V)
1.5V
00
1.2
3V
00
2.2
3V
01
2.1
3V
10
2.0
3V
11
1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com