Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 41 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 41 Page - ams AG

Back Button AS39513 Datasheet HTML 37Page - ams AG AS39513 Datasheet HTML 38Page - ams AG AS39513 Datasheet HTML 39Page - ams AG AS39513 Datasheet HTML 40Page - ams AG AS39513 Datasheet HTML 41Page - ams AG AS39513 Datasheet HTML 42Page - ams AG AS39513 Datasheet HTML 43Page - ams AG AS39513 Datasheet HTML 44Page - ams AG AS39513 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 108 page
background image
ams Datasheet
Page 41
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
When CE is high, DOUT is used as part of the SPI. When CE is
low and the IO mode is set using the Direct SPI command 'Set
IO Mode' to Application mode, then the function of DOUT can
be configured by DOMD[1:]0] and DOSCR[1:0].
The functions of the DOUT can be programmed as follows
according to the System parameter DOMD[1:0] stored in the
“Logging Control Parameters” address 0x439 (bits 5- 4) in the
EEPROM:
Figure 29:
DOMD[1:0]: DOUT Functional Options (GPIO)
DOSRC [1:0] stored in the “Logging Control Parameters”address
0x439 (bits 7- 6) in the EEPROM:
Figure 30:
DOSRC[1:0]: DOUT Functional Options: Digital Output Source (when not in SPI communication).
Bit 5 Bit 4
I/O
Structure
Function
0
0
Output
CMOS output
CMOS (push-pull) output (this setting is used in SPI mode)
0
1
Output
Pull-up
Pull-up output
1
0
Output
Pull-down output
DOUT is inverted relative to DOSRC description below
1
1
Output
High impedance
High impedance (disconnected) output. Default value.
Bit 7
Bit 6
Function
0
0
DOUT is a copy of the external interrupt comparator output.
0
1
DOUT is high when an ISO 15693 command has been recognized and is being processed.
1
0
DOUT is high when the RF field is available
11
DOUT is the logical OR of EEFULL, ADCERR, LOWBAT, and OVLIM. If OSCEN=1, the output is
AND’d with a modulated signal that is 1/32 second high (32 counts of osc1k) and 31/32
second low (992 counts of osc1k).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com