Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 97 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 97 Page - ams AG

Back Button AS39513 Datasheet HTML 93Page - ams AG AS39513 Datasheet HTML 94Page - ams AG AS39513 Datasheet HTML 95Page - ams AG AS39513 Datasheet HTML 96Page - ams AG AS39513 Datasheet HTML 97Page - ams AG AS39513 Datasheet HTML 98Page - ams AG AS39513 Datasheet HTML 99Page - ams AG AS39513 Datasheet HTML 100Page - ams AG AS39513 Datasheet HTML 101Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 108 page
background image
ams Datasheet
Page 97
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
Where the timing parameters are as follows:
Figure 56:
Timing Parameters, VBAT = 3V or 1.5V (unless otherwise noted)
Note(s):
1. When the digital interface was not already in SPI mode.
2. When the digital interface has been locked into SPI mode.
3. tSC reduces to 0.4μs @ VBAT=3V
The write command initiates a write with the falling edge of CE.
If the interface is locked in SPI mode, the write processing status
is indicated by a pulse on DOUT. This timing detail is shown
below.
Figure 57:
Write Command Timing Detail
Symbol
Description
Min
Max
Unit
tSC
CE to first SCLK rising edge setup time (1)
150
μs
tSC
CE to first SCLK rising edge setup time, VBAT = 1.5V(2)
2.0(3)
μs
tOG
DOUT valid time
50
ns
tCH
SCLK high period
5
ms
tCL
SCLK low period
5
ms
tDS
DIN data setup time
50
ns
tDH
DIN data hold time
50
ns
CE
SCLK
DIN
DOUT
D0
tW
tWE
D1
tWS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com