Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 88 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 88 Page - ams AG

Back Button AS39513 Datasheet HTML 84Page - ams AG AS39513 Datasheet HTML 85Page - ams AG AS39513 Datasheet HTML 86Page - ams AG AS39513 Datasheet HTML 87Page - ams AG AS39513 Datasheet HTML 88Page - ams AG AS39513 Datasheet HTML 89Page - ams AG AS39513 Datasheet HTML 90Page - ams AG AS39513 Datasheet HTML 91Page - ams AG AS39513 Datasheet HTML 92Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 108 page
background image
Page 88
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
Get Log Status Command
Get Log Status Command Request:
Get Log Status Command Reply:
The get log status command returns the current value of the
status bits, in the format shown below,
Status Bits Format
where:
OVLIM – Limit count threshold exceeded.
0 = No limit count thresholds exceeded.
1 = One of the eight limit count thresholds have been exceeded.
ACTPOR – Active wakeup after power-up reset.
0 = The AS39513 has not had a reset direct to ACTIVE mode
event.
1 = The AS39513 has had a power on reset occur when WAKEMD
= 1 and ACTIVE = 1.
LOWBAT – Low battery condition.
0 = No low battery condition measured.
1 = The battery check operation (BATCHK = 1) resulted in a low
battery indication.
ADCERR – ADC error flag.
0 = No ADC error has occurred.
1 = An ADC error has occurred, either from an input signal out
of range or a poorly chosen combination of reference voltage
settings.
OVWRT – Measurement overwrite flag.
0 = No measurements have been overwritten.
1 = At least one measurement has been overwritten.
SOF
Flags
Command
IC Mfg.
UID
CRC
EOF
NFLAGS
0xAA
0x36
64 bits
16 bits
SOF
Flags
Log Stat
CRC
EOF
RFLAGS
8 bits
16 bits
Bit
7
6
5
4
3
2
1
0
Log Stat
ACTIVE
EEFULL
OVWRT
ADCERR
LOWBAT
ACTPOR
0
OVLIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com