Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 45 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 45 Page - ams AG

Back Button AS39513 Datasheet HTML 41Page - ams AG AS39513 Datasheet HTML 42Page - ams AG AS39513 Datasheet HTML 43Page - ams AG AS39513 Datasheet HTML 44Page - ams AG AS39513 Datasheet HTML 45Page - ams AG AS39513 Datasheet HTML 46Page - ams AG AS39513 Datasheet HTML 47Page - ams AG AS39513 Datasheet HTML 48Page - ams AG AS39513 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
ams Datasheet
Page 45
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
Measurement Access Region
The Measurement access region is for data logging. If
APPBLKS[7:0] is not 8’d255, this region begins at address
4*APPBLKS[7:0] + 4 and ends at address 0x3FF. (If APPBLKS[7:0]
equals 8’d255, there is no Measurement region.) This region is
readable by both the RFID and SPI memory access commands.
It is writeable through RFID only if Measurement access has
been granted through the Set Access command. It is always
writeable through the SPI. The logging functions do not need
Measurement access in order to write to this region; the
Measurement access is only required for direct writing via the
RFID interface.
System Access Region
The System access region is for system-level calibration
parameters, data pointers, and other control settings. This
region is readable by both the RFID and SPI memory access
commands. It is writeable through the RFID interface only if
System access has been granted through the Set Access
command. It is always writeable through the SPI.
There are two sub-regions of System access. The EEPROM region
is from address 0x400 through 0x43F. All values in this region
are readable and writable with the correct access.
The second sub-region of System access is the mirrored
registers. It is for EEPROM parameters that are read and copied
into registers at startup. This region is from address 0x600
through 0x63F. All values in this region are write-only (with the
correct access). All bytes in this region will read back as 0x00
(with no error).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com