Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 8 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 8 Page - ams AG

Back Button AS39513 Datasheet HTML 4Page - ams AG AS39513 Datasheet HTML 5Page - ams AG AS39513 Datasheet HTML 6Page - ams AG AS39513 Datasheet HTML 7Page - ams AG AS39513 Datasheet HTML 8Page - ams AG AS39513 Datasheet HTML 9Page - ams AG AS39513 Datasheet HTML 10Page - ams AG AS39513 Datasheet HTML 11Page - ams AG AS39513 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Electrical Characteristics of AS39513
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VBAT3V
3V Battery Supply Voltage
2.2
3.3
V
See note (3)
VBAT1.5V
1.5V Battery Supply Voltage
1.35
1.8
V
See note (3)
VBAT_SU
Minimum Start-Up Input
Voltage
0.7
V
T= 6°C
Battery assisted mode
VANT
Power On Voltage
2.5
VP
IBAT-SD
Shutdown Current into VBAT
0.5
μA
VBAT = 3.6V; 25°C
IEXT
Maximum Current from
VEXT Output
3
mA
In electromagnetic field
VEXT
VEXT Limiter Voltage
3.85
V
In electromagnetic field
RVEXT
VEXT Output Resistance
750
Ω
VEXT internally
connected to rectifier
output for supply of
external circuits
CTG
On Chip Capacitance
35
pF
Between ANT1 and
ANT2 for die with gold
bump
fSCLK
SCLK Serial Data Clock
100
kHz
fC
Carrier Frequency
13.56
MHz
fRTC
RTC Clock
1.024
kHz
fSYS
System Clock
1.92
MHz
EWCYC
EEPROM Erase/Write Cycles
10000
Cycles
tDR
EEPROM Data Retention
Time
10
Years
TJUNC = 25°C
tE/W
EEPROM Erase/Write Speed
(four-byte block)
610
ms
TACCGB
Temperature Sensor
Accuracy, Gold Bumped Die
(logging mode only)(4)
-0.5
0.5
°C
-20°C to 10°C
tLOGINT
Logging Interval
1
32768
s
LOGINT[15:0] 0001h
LOGINT[15:0] 8000h
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com