Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 55 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 55 Page - ams AG

Back Button AS39513 Datasheet HTML 51Page - ams AG AS39513 Datasheet HTML 52Page - ams AG AS39513 Datasheet HTML 53Page - ams AG AS39513 Datasheet HTML 54Page - ams AG AS39513 Datasheet HTML 55Page - ams AG AS39513 Datasheet HTML 56Page - ams AG AS39513 Datasheet HTML 57Page - ams AG AS39513 Datasheet HTML 58Page - ams AG AS39513 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 108 page
background image
ams Datasheet
Page 55
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
TMSRT – Use delay timer (with LOGDEL) to transition from WAIT
mode to ACTIVE mode.
0 = Do not use delay timer. If DIMD is not 2’b10, WAIT mode
transitions directly to ACTIVE mode with no delay.
1 = Use the delay timer. If DIMD is 2’b10, the event that happens
first (delay or DIN input) causes the transition from WAIT mode
to ACTIVE mode.
TMIEN – Timer interrupt enable.
0 = No timer generated logging events.
1 = Generate logging events with the LOGINT delay.
OSCEN – Real-time oscillator enable. The real-time oscillator
must be enabled for any of the real-time delays above to be of
use. It can be disabled to further reduce power consumption in
applications that do not need timing based interrupts or log
time tracking.
0 = Disable real-time oscillator.
1 = Enable real-time oscillator.
CPHLD – Enable charge-pump hold feature of the sensor
charge pump.
0 = Disable charge-pump hold.
1 = Enable charge-pump hold.
ADJUST – Adjust logging information to an even byte boundary
after logging.
0 = No adjustment. Logging information is maximally packed
in spite of byte boundaries.
1 = Each logging event ends at a byte boundary. Only values
within the same logging event are packed.
LOPOR – Control RF POR threshold.
0 = Use default higher POR threshold.
1 = Use lower POR threshold.
HILIM – Control RF limiter threshold.
0 = Use default lower limiter threshold.
1 = Use higher limiter threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com