Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 6 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 6 Page - ams AG

Back Button AS39513 Datasheet HTML 2Page - ams AG AS39513 Datasheet HTML 3Page - ams AG AS39513 Datasheet HTML 4Page - ams AG AS39513 Datasheet HTML 5Page - ams AG AS39513 Datasheet HTML 6Page - ams AG AS39513 Datasheet HTML 7Page - ams AG AS39513 Datasheet HTML 8Page - ams AG AS39513 Datasheet HTML 9Page - ams AG AS39513 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 108 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Operating
Conditions is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings of AS39513
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VBAT /VGND
Supply Voltage to Ground
-0.3
3.7
V
VIN
Input Pin Voltage to Ground
except ANT1, ANT2 and
SEXT
-0.3
3.3
V
Input Pin Voltage to Ground
at ANT1 and ANT2
-0.5
6.5
V
VINSEXT
Input Pin SEXT Voltage to
Ground
-0.3
1.8
V
IIN
Peak Current Induced on Pin
ANT1 and ANT2
30
mA
ISCR
Input Current (latch-up
immunity)
± 100
mA
JEDEC JESD78D Nov 2011 Class 1
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
± 2
kV
JEDEC JS-001-2014
ESDCDM
ESD - Charged Device
Models
± 500
V
JEDEC JESD22-C101F
Temperature Ranges and Storage Conditions
TJUNC
Operating Junction
Temperature
-20
65
°C
TSTRG
Storage Temperature Range
-55
150
°C
TBODY
Package Body Temperature
260
°C
IPC/JEDEC J-STD-020 (1)
RHNC
Relative Humidity
(non-condensing)
585
%
tSTRG_DOF
Storage Time for DOF/Die or
Wafers on Foil
3
months
Refers to indicated date of packing
TSTRG_DOF
Storage Temperature for
DOF/Die or Wafers on Foil
17
28
°C
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com