Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 61 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 61 Page - ams AG

Back Button AS39513 Datasheet HTML 57Page - ams AG AS39513 Datasheet HTML 58Page - ams AG AS39513 Datasheet HTML 59Page - ams AG AS39513 Datasheet HTML 60Page - ams AG AS39513 Datasheet HTML 61Page - ams AG AS39513 Datasheet HTML 62Page - ams AG AS39513 Datasheet HTML 63Page - ams AG AS39513 Datasheet HTML 64Page - ams AG AS39513 Datasheet HTML 65Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 108 page
background image
ams Datasheet
Page 61
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
Factory EEPROM
Factory Trim and RFID Parameters
The factory trim and RFID parameter EEPROM page from
addresses 0x440 through 0x44F contains trim parameters to be
loaded during initialization and RFID factory-set parameters.
These values cannot be accessed through the RFID interface
unless noted in the field descriptions below. They can be read
through the SPI interface. They can be written through the SPI
interface if the Factory access password has been entered
previously using an SPI direct command. Bytes 0x440 through
0x443 are copied to registers at 0x640 through 0x643 during
device initialization. After initialization, if an SPI EEPROM write
occurs to the addresses 0x440 through 0x443, the
corresponding register in the 0x640 through 0x643 address
range is also updated.
Figure 39:
Factory Trim and RFID Parameters
Addr.
Bit
7
6
5
4
3
2
1
0
0x440
OSCTRIM[7:0]
0x441
LKALL
ROSTRIM[4:0]
0x442
V0TRIM[4:0]
0x443
TSENTRIM[3:0]
0x444
0x445
0x446
AFI_LK
DSF_LK
0x447
CHIPREV[7:0]
0x448
UID[7:0]
0x449
UID[15:8]
0x44A
UID[23:16]
0x44B
UID[31:24]
0x44C
UID[39:32]
0x44D
UID[47:40]
0x44E
UID[55:48]
0x44F
UID[63:56]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com