Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 39 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 39 Page - ams AG

Back Button AS39513 Datasheet HTML 35Page - ams AG AS39513 Datasheet HTML 36Page - ams AG AS39513 Datasheet HTML 37Page - ams AG AS39513 Datasheet HTML 38Page - ams AG AS39513 Datasheet HTML 39Page - ams AG AS39513 Datasheet HTML 40Page - ams AG AS39513 Datasheet HTML 41Page - ams AG AS39513 Datasheet HTML 42Page - ams AG AS39513 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
ams Datasheet
Page 39
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
ADC Output and Range for Battery Measurement
The battery sensor uses a voltage divider that depends on the
battery type. If the battery type is set to a single cell battery,
the signal voltage is
Where VBAT is the voltage at the VBAT pin.
If the battery type is set to a dual cell battery, the signal voltage
is
The configuration settings for battery measurement are
V1SET= 3’b000, V2SET=3’b001 mux_gain=00 and gndv1=1
which translates to ADC reference voltages of VRNG=0 and
VLOW=V2=310mV.
ADC Output and Range for External Sensor
Measurement
The external sensor is just a switch to the SEXT pin, so the signal
voltage, VSIG, EXT, is just the voltage at the SEXT pin.
The configuration settings for ext. sensor measurement are
EV1SET= 3'b010, EVSET2= 3'b101 mux_gain=00 and gndv1=0
which translates to ADC reference voltages of VRNG=V1=260mV
and VLOW=V2=510mV. This translates to an SEXT input voltage
range 510 – 760mV typ.
Figure 27:
ADC Input/Output Characteristic for Ext. Sensor Measurement with Default Settings
(EQ8)
VSIG BAT1
,
VBAT
2.84
--------------
=
(EQ9)
VSIG BAT2
,
VBAT
5.51
--------------
=
Code
0
1024
510mV
ADC Range:
250mV
760mV
Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com