Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 34 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 34 Page - ams AG

Back Button AS39513 Datasheet HTML 30Page - ams AG AS39513 Datasheet HTML 31Page - ams AG AS39513 Datasheet HTML 32Page - ams AG AS39513 Datasheet HTML 33Page - ams AG AS39513 Datasheet HTML 34Page - ams AG AS39513 Datasheet HTML 35Page - ams AG AS39513 Datasheet HTML 36Page - ams AG AS39513 Datasheet HTML 37Page - ams AG AS39513 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 108 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
Reference Voltage Generator
There are two programmable reference voltages used in the
AS39513 sensor system, V1 and V2. In a trimmed device, these
voltages are
Where VSTEP is 50mV, and V1SET, V2SET values are determined
by the measurement type according to the Figure 22 below. The
range of possible V1 and V2 ADC reference voltages are shown
in Figure 23. If the temperature range is changed from the
default by changing TV1SET and/or TV2SET the chip will need
recalibrating to produce new trim values. The same is valid for
EV1SET, EV2SAT.
ADC input voltage range: V2 ≤ Vin ≤ 2V2-V1
Note this has the consequence that TV2SET must be set to be
≥ TV1SET-1 so that the ADC input signal range V2-V1 is positive.
Similarly EV2SET must be set so that EV2SET ≥ EV1SET-1.
Figure 22:
ADC Reference Voltage (defaults shown in brackets)
Figure 23:
ADC Reference Voltages Versus V1SET, V2SET Values
Value
Measurement Type
Temperature
External
Battery
V1SET
TV1SET[2:0] (3'b010)
EV1SET[2:0] (3'b010)
(3'b000)
V2SET
TV2SET[2:0] (3’b011)
EV2SET[2:0] (3'b101)
(3'b001)
V1SET
V1
V2SET
V2
0
160mV
0
260mV
1210mV
1310mV
2
260mV
2
360mV
3310mV
3410mV
4
360mV
4
460mV
5410mV
5510mV
6
460mV
6
560mV
7510mV
7610mV
(EQ1)
V1
VSTEP 3.2 V1SET
+
()
=
(EQ2)
V2
VSTEP 5.2 V2SET
+
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com