Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 54 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 54 Page - ams AG

Back Button AS39513 Datasheet HTML 50Page - ams AG AS39513 Datasheet HTML 51Page - ams AG AS39513 Datasheet HTML 52Page - ams AG AS39513 Datasheet HTML 53Page - ams AG AS39513 Datasheet HTML 54Page - ams AG AS39513 Datasheet HTML 55Page - ams AG AS39513 Datasheet HTML 56Page - ams AG AS39513 Datasheet HTML 57Page - ams AG AS39513 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 108 page
background image
Page 54
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
TV1TRIM[2:0] – Signed binary value. Trims the ADC reference
voltage V1 used during temperature and battery
measurements. See the section Analog to Digital Conversion
for more details.
TV1SET[2:0] – Reference levels for the ADC during temperature
measurements. The condition TV2SET ≥ TV1SET-1 must be
fulfilled to ensure the ADC input range V2-V1 is positive.
Note if the temperature range is changed the temperature
sensor will need recalibration. See the section Analog to Digital
Conversion for more details.
TV2TRIM[2:0] – Signed binary value. Trims the ADC reference
voltage V2 used during temperature and battery
measurements. See the section Analog to Digital Conversion
for more details.
TV2SET[2:0] – Reference levels for the ADC to use during
temperature measurements. The condition TV2SET ≥ TV1SET-1
must be fulfilled to ensure the ADC input range V2-V1 is
positive. Note if the temperature range is changed the
temperature sensor will need recalibration. See the section
Analog to Digital Conversion for more details.
TSMOFF[6:0] – Offset to use during temperature and battery
measurements. This value is a twos-compliment signed value.
It is sign-extended to 10 bits and added to the ADC result after
a temperature or battery measurement.
TSV1G – V1 ground setting (trf_gndv1_o) to use during
temperature measurements.
EV1TRIM[2:0] – Signed binary value. Trims the ADC reference
voltage V1 used during external sensor measurements. See the
section Analog to Digital Conversion for more details.
EV1SET[2:0] – Reference levels for the ADC to use during
external sensor measurements. The condition EV2SET ≥
EV1SET-1 must be fulfilled to ensure the ADC input range V2-V1
is positive. See the section Analog to Digital Conversion for
more details.
EV2TRIM[2:0] – Signed binary value. Trims the ADC reference
voltage V2 used during external sensor measurements. See the
section Analog to Digital Conversion for more details.
EV2SET[2:0] – Reference levels for the ADC to use during
external sensor measurements. The condition EV2SET ≥
EV1SET-1 must be fulfilled to ensure the ADC input range V2-V1
is positive. See the section Analog to Digital Conversion for
more details.
EXMOFF[6:0] – Offset to use during external sensor
measurements. This value is a twos-compliment signed value.
It is sign-extended to 10-bits and added to the ADC result after
an external sensor measurement.
EXV1G – V1 ground setting (trf_gndv1_o) to use during
external sensor measurements.
EXGAIN[1:0] – Multiplexer gain setting (mux_gain_o) to use
during external sensor measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com