Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 9 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 9 Page - ams AG

Back Button AS39513 Datasheet HTML 5Page - ams AG AS39513 Datasheet HTML 6Page - ams AG AS39513 Datasheet HTML 7Page - ams AG AS39513 Datasheet HTML 8Page - ams AG AS39513 Datasheet HTML 9Page - ams AG AS39513 Datasheet HTML 10Page - ams AG AS39513 Datasheet HTML 11Page - ams AG AS39513 Datasheet HTML 12Page - ams AG AS39513 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
ams Datasheet
Page 9
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Electrical Characteristics
Note(s):
1. Temperature 25°C, supply VBAT=3.3V from RF field unless noted otherwise
2. CMOS inputs CE and SCLK have 100k Ohm pull down resistor permanently connected. CMOS Input DIN can be configured with pull
up or pull down. See DIMD[1:0].
3. Below VBAT=1.35V operation and performance of AS39513 is not guaranteed.
4. Temperature sensor accuracy measured performance on wafer with gold bumped die measured at 3.0V for 3V trimmed devices and
1.5V for 1.5V trimmed devices. Assembly method can influence the temperature sensor accuracy.
tIDLE
Time to enter idle state after
power up
300
μs
Hmin3Vbat
Sensitivity 3V battery
assisted mode
150
mA/m
Class ID-1 antenna
VBAT=3.0V
Hmin1_5Vbat
Sensitivity 1.5V battery
assisted mode
150
mA/m
Class ID-1 antenna
VBAT=1.5V
Hminpass
Sensitivity passive mode
280
mA/m
Class ID-1 antenna
CMOS Digital Input with 100k Ohm Pull-Down: CE, SCLK and DIN with Pull-Down Enabled(2)
VIH
High Level Input Voltage
0.7*
VBAT
V
VIL
Low Level Input Voltage
0.3*VBAT
V
ILEAK
Input Leakage Current
1
μA
VIL = 0V
RD
Pull-Down Resistance
100
kΩ
IPD
Pull-Down Current
10
50
μA
VIH = VBAT
CMOS Digital Input with 30k Ohm Pull-Up Active: DIN with Pull-Up Enabled
VIH
High Level Input Voltage
0.7*
VBAT
V
VIL
Low Level Input Voltage
0.3*VBAT
V
ILEAK
Input Leakage Current
-1
1
μA
VIH = VBAT
RU
Pull-Up Resistance on DIN
(optional see DIMD[1:0])
30
kΩ
IPU
Pull-Up Current
30
160
μA
VIL = 0V
CMOS Digital Output DOUT
ROSO
Output Resistance Source
1.85
kΩ
ROSI
Output Resistance Sink
200
Ω
Symbol
Parameter
Min
Typ
Max
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com