Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 16 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 16 Page - ams AG

Back Button AS39513 Datasheet HTML 12Page - ams AG AS39513 Datasheet HTML 13Page - ams AG AS39513 Datasheet HTML 14Page - ams AG AS39513 Datasheet HTML 15Page - ams AG AS39513 Datasheet HTML 16Page - ams AG AS39513 Datasheet HTML 17Page - ams AG AS39513 Datasheet HTML 18Page - ams AG AS39513 Datasheet HTML 19Page - ams AG AS39513 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 108 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
Initializing the Chip
A virgin chip (not initialized) can be initialized either through
the SPI port or through RFID interface from a reader. Once the
battery voltage is applied to the VBAT pin or the supply voltage
is extracted from the RF field, the AS39513 boots up with the
default factory configuration. For battery powered devices it is
important that VBAT ramps up with tRAMP minimum to ensure
system EEPROM values are correctly loaded into the system
registers. This is valid for both 1.5V and 3V battery operation.
Within tIDLE after power is applied, the logging controller goes
to the IDLE state where it waits for configuration. Once all of
the configuration information has been written to the device
using write system block commands, the RFID “Set Mode”
command is used to place the AS39513 either into the WAIT
state or into the ACTIVE state directly. If in the WAIT state, a
timer or input action can move the device into the ACTIVE state.
Once in the ACTIVE state, the AS39513 will begin logging data
whenever a logging event occurs.
RESET Mode
Once the chip powers up, either from the battery or the RF field,
and the power is stable, the initialization process begins. At this
point, the controller logic will read specific EEPROM addresses
and load them into “shadow” registers.
During this phase the battery type will be determined by
checking System parameter BTYPE available in the EEPROM
field.
Two of the other EEPROM fields that will be read during this
phase are the System parameters WAKEMD (wakeup mode) and
ACTIVE (true if last state was ACTIVE). If both of these fields are
high, it means that the chip was reinitialized from a previous
ACTIVE mode and the restart condition flag ACTPOR will be set
to high.
If the restart condition is true (ACTPOR is high) then the
measurement pointers and counters are reloaded from the last
available state and the device returns to the ACTIVE mode.
If the restart condition is false (ACTPOR is low), the register
pointers and counters are initialized assuming that no
measurements have been made but the MEASCNT and
MEASPTR values in EEPROM will be retained, and the device
enters IDLE mode. This means that if for example the battery
voltage dropped during a logging event and caused a POR, the
chip would enter idle mode ie stop, but the MEASCNT and
MEASPTR values would be retained in EEPROM. If the mode is
subsequently changed to Active (i.e. logging is restarted), the
EEPROM MEASCNT and MEASPTR are zeroed. (The bit fields
ACTPOR, WAKEMD, and ACTIVE are further documented in the
Memory Map section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com