Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 23 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 23 Page - ams AG

Back Button AS39513 Datasheet HTML 19Page - ams AG AS39513 Datasheet HTML 20Page - ams AG AS39513 Datasheet HTML 21Page - ams AG AS39513 Datasheet HTML 22Page - ams AG AS39513 Datasheet HTML 23Page - ams AG AS39513 Datasheet HTML 24Page - ams AG AS39513 Datasheet HTML 25Page - ams AG AS39513 Datasheet HTML 26Page - ams AG AS39513 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 108 page
background image
ams Datasheet
Page 23
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
Memory Pointer: Assuming the data can and should be logged,
the logging begins at the current value of the MEASPTR[11:0],
where MEASPTR[11:2] represents the EEPROM address for the
first log data, and 2*MEASPTR[1:0] is the bit position at which
to start the log data. The data is logged in the following order,
with increasing pointer addresses for each log value.
Once all the logging values are stored, and if the adjust logging
information ADJUST parameter is set to 1, then the MEASPTR is
rounded up to the nearest byte boundary. This wastes some
memory space in return for being able to easily calculate the
byte position of each log point.
Format Options: In order to minimize EEPROM usage, data is
logged at 2-bit boundaries according to the format options
LOGFMT: all measurement data is logged using either 8 or 10
bits.
The 8-bit format is used if both logging mode LOGMD = 2’b00
and logging format LOGFMT = 0. Otherwise, 10 bits are used.
Measurement Storing Sequence: First, if a temperature
measurement was made, the result in ts_res_ff is written.
Second, if an external measurement was made, the value in
ex_ref_ff is written. Third, if a battery voltage measurement was
made, the result in bv_res_ff is written.
Note the number of bits (8 or 10) stored for the temperature,
external sensor and battery voltage measurements depends on
the LOGFMT and LOGMD configuration settings.
Optional Status Signals: After the measurements are
recorded, the status of two digital signals can optionally be
recorded. If the optional logging data DLOG is 1, then the values
of the digital signals at the DIN pin (the digital input din_i) and
the external sensor interrupt SEXT (extirq_i) are recorded using
the 2-bit value { din_i, extirq_i }.
Note that if DLOG is the only logging option selected, that
means, there are no ADC measurements enabled, then the
logging state machine will wait about 3ms (the approximate
time for one ADC conversion) in order for the external voltage
at the SEXT pin to settle.
Note that if the value of the extirq_i signal want to be used, then
the Enable external sensor interrupt EIEN field must be set to 1
in order to enable the comparator that generates the extirq_i
interrupt event.
Logging Modes: Finally, information about this measurement
are written, depending on the logging mode.
If interrupt logging mode is used (LOGMD = 2’b01), then the
30-bit real-time clock counter value is logged, followed by a
two-bit value that indicates the logging event trigger source
(further detail will follow in the Memory Map section).
If one of the two limit logging modes is used (LOGMD = 2’b01
or LOGMD = 2’b11), the 16-bit log counter LOGCNT is written
into the EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com