Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 21 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 21 Page - ams AG

Back Button AS39513 Datasheet HTML 17Page - ams AG AS39513 Datasheet HTML 18Page - ams AG AS39513 Datasheet HTML 19Page - ams AG AS39513 Datasheet HTML 20Page - ams AG AS39513 Datasheet HTML 21Page - ams AG AS39513 Datasheet HTML 22Page - ams AG AS39513 Datasheet HTML 23Page - ams AG AS39513 Datasheet HTML 24Page - ams AG AS39513 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
ams Datasheet
Page 21
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
Limit Check Algorithm
Once all the enabled measurements are done, an optional limit
check algorithm begins. The AS39513 can be set to only record
logging information if certain limit conditions are met. The
internal temperature sensor and external sensor each have
independent limit conditions. The ADC result for each sensor
measurement is compared to four thresholds to determine the
limit result. The limit thresholds are each 8-bit in length and are
the 8 MSB values when compared to the 10-bit ADC values.The
limit results follow the tables below. If a sensor is not enabled
for logging, its limit result is taken to be 3’b000.
Figure 11:
Limit Check Results for Temperature Sensor
Figure 12:
Limit Check Results for External Sensor
Note that in the computation of the limit result, the conditions
are checked in the order given in the tables above. It is possible
that more than one condition can be met at the same time,
because there is no check on the relative values of the four limit
parameters for each sensor. The first condition that is true in
the order given in the table is the condition that determines the
limit result.
Step
Condition
ts_lim
1
ts_res_ff ≥ { TXHILIM, 2’b00 }
3’b100
2
ts_res_ff ≤ { TXLOLIM, 2’b11 }
3’b101
3
ts_res_ff ≥ { THILIM, 2’b00 }
3’b110
4
ts_res_ff ≤ { TLOLIM, 2’b11 }
3’b111
5
Otherwise
3’b000
Step
Condition
ex_lim
1
ex_res_ff ≥ { EXHILIM, 2’b00 }
3’b100
2
ex_res_ff ≤ { EXLOLIM, 2’b11 }
3’b101
3
ex_res_ff ≥ { EHILIM, 2’b00 }
3’b110
4
ex_res_ff ≤ { ELOLIM, 2’b11 }
3’b111
5
Otherwise
3’b000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com