Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 58 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 58 Page - ams AG

Back Button AS39513 Datasheet HTML 54Page - ams AG AS39513 Datasheet HTML 55Page - ams AG AS39513 Datasheet HTML 56Page - ams AG AS39513 Datasheet HTML 57Page - ams AG AS39513 Datasheet HTML 58Page - ams AG AS39513 Datasheet HTML 59Page - ams AG AS39513 Datasheet HTML 60Page - ams AG AS39513 Datasheet HTML 61Page - ams AG AS39513 Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 108 page
background image
Page 58
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
2’b11 – Limit crossing mode. Enable logging only if one of the
limit check conditions is different than that from the previous
logging event. Sensors are always logged to 10-bit accuracy. If
a measurement is logged, the value of the measurement
counter is also logged.
LOGFMT – Logging format.
0 = Only the 8 MSB’s of the 10-bit ADC result for each
measurement are logged. This is only valid when LOGMD =
2’b00. For other values of LOGMD, 10 bits are always used.
1 = All 10 bits of the ADC result for each measurement are
logged.
EXCPR – Use compressed format for external sensor.
0 = Uncompressed ADC result used.
1 = An 8-bit compressed version of the 10-bit ADC result is
logged. (This is only valid when LOGMD = 2’b00 and LOGFMT =
0.)
The compression algorithm for the result ex_res_ff[9:0] is as
follows:
Figure 37:
Compression Algorithm
EXIVSET[1:0] – Voltage threshold for external interrupt. This
value is mapped directly to exi_vset_o[1:0]. See the description
of the External Sensor Interrupt circuits for more information.
The threshold voltages are given in the table below, where vdda
is the digital supply voltage.
Condition
Compressed Result
ex_res_ff[9] = 1
{ 2’b11, ex_res_ff[8:3] }
ex_res_ff[9:8] = 2’b01
{ 2’b10, ex_res_ff[7:2] }
ex_res_ff[9:7] = 3’b001
{ 2’b01, ex_res_ff[6:1] }
Otherwise
{ 2’b00, ex_res_ff[5:0] }



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com