Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 68 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 68 Page - ams AG

Back Button AS39513 Datasheet HTML 64Page - ams AG AS39513 Datasheet HTML 65Page - ams AG AS39513 Datasheet HTML 66Page - ams AG AS39513 Datasheet HTML 67Page - ams AG AS39513 Datasheet HTML 68Page - ams AG AS39513 Datasheet HTML 69Page - ams AG AS39513 Datasheet HTML 70Page - ams AG AS39513 Datasheet HTML 71Page - ams AG AS39513 Datasheet HTML 72Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 108 page
background image
Page 68
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
Request Command Structure
The Request Command Structure from the Reader is:
where SOF is the ISO15693 start-of-frame, the Flags are the
protocol control flags described below, the command code
determines which command is being requested, UID is the
unique identifier, parameters and data are zero or more bytes
depending on the command, the CRC is the error check code,
which is calculated in accordance with ISO15693-3 and EOF is
the ISO15693 end-of-frame. The UID can be present or not
present depending on the Flags settings.
For the custom commands (command codes 0xA0 through
0xDF), the command code field will be followed immediately
by an IC manufacturing code, which for the AS39513 is 0x36 for
legacy reasons.
Flags
There are two types of request command flags used in
ISO15693: inventory flags (abbreviated IFLAGS) and
non-inventory flags (abbreviated NFLAGS). Their formats are as
follows.
The Inventory Flags are:
where:
SUBCAR – Sub-carrier selection.
0 = Use a single sub-carrier frequency in the response.
1 = Use two sub-carriers in the response.
DRATE – Data rate selection.
0 = Use low data rate.
1 = Use high data rate.
AFI – AFI field usage. Only 0 (no AFI field) is supported in the
AS39513.
NBSLOTS – Number of anti-collision slots.
0 = 16 slots.
SOF
Flags
Command Code
UID
Parameters
Data
CRC
EOF
8 bits
8 bits
64 bits
n*8 bits
m*8 bits
16 bits
Bit
7
6
5
432
1
0
IFLAGS
0
OPTION
NBSLOTS
AFI
0
1
DRATE
SUBCAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com