Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 92 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 92 Page - ams AG

Back Button AS39513 Datasheet HTML 88Page - ams AG AS39513 Datasheet HTML 89Page - ams AG AS39513 Datasheet HTML 90Page - ams AG AS39513 Datasheet HTML 91Page - ams AG AS39513 Datasheet HTML 92Page - ams AG AS39513 Datasheet HTML 93Page - ams AG AS39513 Datasheet HTML 94Page - ams AG AS39513 Datasheet HTML 95Page - ams AG AS39513 Datasheet HTML 96Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 108 page
background image
Page 92
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
Write Command
The write command is used to write to both EEPROM and
on-chip registers that are memory mapped.
The Write Command Format is below:
where:
ADDR[10:0] – Address of the memory to write to. See the
description of the memory map below for details on what is
mapped to the various memory addresses.
The write command word will be followed by one or more bytes
of data. The first byte will be written to address ADDR, the
second at ADDR+1, and so on. Note that the EEPROM
architecture can only write to one 16-byte page at a time. Care
must be taken to limit the number of data bytes in the Write
Command such that the page boundary is not passed.
Specifically, the number of data bytes must be less than or equal
to 16 – ADDR[3:0]. If the number of bytes written would go
beyond the page boundary at address { ADDR[10:4], 4’b1111 },
then the address counter will effectively wrap around to the
start of the page boundary at { ADDR[10:4], 4’b0000 } and
overwrite bytes at the start of the page.
The actual write operation is initiated by setting CE low. The
DOUT pin will go high when the write is beginning. If SPI mode
has been enabled via the direct command “Set IO Mode”, the
DOUT pin will go low when the write is complete. (If the SPI
mode direct command has not set the device to stay in SPI
mode, the DOUT pin will revert to its non-SPI mode value when
the write is complete.)
As example, the signals for a one-byte write are shown below.
Figure 50:
One-Byte Write
Bit
15
14
13
12
11
10
9
876543
210
Write
0
0
0
0
0
ADDR[10:0]
CE
SCLK
DIN
DOUT
A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com