Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 13 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 13 Page - ams AG

Back Button AS39513 Datasheet HTML 9Page - ams AG AS39513 Datasheet HTML 10Page - ams AG AS39513 Datasheet HTML 11Page - ams AG AS39513 Datasheet HTML 12Page - ams AG AS39513 Datasheet HTML 13Page - ams AG AS39513 Datasheet HTML 14Page - ams AG AS39513 Datasheet HTML 15Page - ams AG AS39513 Datasheet HTML 16Page - ams AG AS39513 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
ams Datasheet
Page 13
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
Temperature Sensor
The on-chip temperature sensor is configured and calibrated to
measure temperatures between -20ºC to 55ºC. The gold
bumped die achieve an accuracy TACCGB. The on-chip sensor can
be reconfigured for a number of different temperature ranges
but the sensor requires recalibration after each temperature
range change.
The temperature sensor is intended to be used in logging mode.
The temperature sensor accuracy is only guaranteed in this
mode and not in the presence of a strong RF field from a reader.
When placed in the presence of a reader, strong RF fields can
cause self heating of the chip depending on the field strength,
antenna and length of time in the field. The accuracy of the
on-chip temperature sensor can then not be guaranteed.
External Sensor
The on-chip external sensor interface provides a means for
using both resistive and voltage-based sensors. The voltage at
the sensor node can be scaled and shifted in order to cover a
voltage range of VSEXT, or a subset of that range.
The external sensor input SEXT can be also used for
event-triggered logging. In this condition the logging is not
triggered in predefined time intervals from the internal timer,
but can be triggered externally, either with a sensor, switch or
a microcontroller.
The SEXT has in fact a very low power sensing interface that can
be used to trigger logging events when the sensor voltage
crosses one of four selectable thresholds. In addition an
optional drive current can be supplied to the sensor.
The maximum allowable voltage on the SEXT pin is VINSEXT.
Analog to Digital Converter
The chip has an integrated 10-bit analog to digital converter
(ADC) with selectable voltage references. It is used for voltage
conversion from the temperature sensor, the external sensor,
and the external battery voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com