Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 1 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 1 Page - ams AG

  AS39513 Datasheet HTML 1Page - ams AG AS39513 Datasheet HTML 2Page - ams AG AS39513 Datasheet HTML 3Page - ams AG AS39513 Datasheet HTML 4Page - ams AG AS39513 Datasheet HTML 5Page - ams AG AS39513 Datasheet HTML 6Page - ams AG AS39513 Datasheet HTML 7Page - ams AG AS39513 Datasheet HTML 8Page - ams AG AS39513 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
ams Datasheet
Page 1
[v1-10] 2018-Apr-25
Document Feedback
AS39513
NFC Sensor Tag and Data Logger IC
The AS39513 is a semi-passive tag chip optimized for
battery-powered smart labels with sensor functionality. The
chip is ideal for applications using thin and flexible batteries
but it also supports fully passive operation without a battery
using the RF field from an RFID reader as a power source.
The RFID interface is fully ISO 15693 and NFC-V (T5T ) compliant.
External power can be supplied from a single-cell battery
(typically 1.5V) or a dual-cell battery (typically 3V ).
The chip has a fully integrated temperature sensor with a
programmable temperature range (default -20ºC to 55ºC). The
external sensor interface (SEXT) is an analog input and allows
the connection of an external sensor.
A real-time clock can be used to generate logging times and
track the device lifetime. An SPI-like interface is available for
chip initialization or communication with a microcontroller. The
chip has the capability to energy harvesting from reader field
up to 3mA.
Configuration and logging data is stored on a configurable
9-kbit EEPROM.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of this device are listed below:
Figure 1:
Added Value of Using AS39513
Benefits
Features
• Versatile data logging with selectable option
• Programmable logging modes
• Logging storage capacity up to 1020 events
(8-bit logging mode) with time stamp
• On-chip 9-kbit EEPROM
• Real-time clock (RTC)
• Supports data logging from various sensors
• On-chip temperature sensor
• Analog input for external resistive sensor
• On-chip temperature sensor
• Default range: -20ºC to 55ºC
(±0.5ºC over -20ºC to 10ºC, gold bumped die)
• Temperature range is programmable
• Flexible supply options (1)
• Fully passive mode: no battery
• Semi-passive (BAP) mode: 1.5V or 3V battery
• Provides supply for external circuitry
• Energy harvesting from reader field up to 3mA
General Description


Similar Part No. - AS39513

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3953 AMSCO-AS3953 Datasheet
423Kb / 42P
14443 High Speed Passive Tag Interface
AS3953 AMSCO-AS3953 Datasheet
423Kb / 42P
14443 High Speed Passive Tag Interface
logo
List of Unclassifed Man...
AS3953 ETC2-AS3953 Datasheet
423Kb / 42P
14443 High Speed Passive Tag Interface
logo
ams-OSRAM AG
AS3953 AMSOSRAM-AS3953 Datasheet
1Mb / 71P
14443 High Speed Passive Tag Interface
2019-Feb-15
logo
List of Unclassifed Man...
AS3953-DK-ST ETC2-AS3953-DK-ST Datasheet
423Kb / 42P
14443 High Speed Passive Tag Interface
More results

Similar Description - AS39513

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25TA64K STMICROELECTRONICS-ST25TA64K Datasheet
587Kb / 45P
NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
17-Apr-2015
logo
Melexis Microelectronic...
MLX90129 MELEXIS-MLX90129_12 Datasheet
1Mb / 60P
13.56MHZ SENSOR TAG / DATALOGGER IC
logo
STMicroelectronics
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface
February 2017 Rev 10
logo
Melexis Microelectronic...
MLX90129 MELEXIS-MLX90129_17 Datasheet
1Mb / 60P
13.56MHZ SENSOR TAG / DATALOGGER IC
logo
NXP Semiconductors
NCX3310 NXP-NCX3310 Datasheet
1Mb / 2P
NFC Forum-compliant Tag IC with I2C for Automotive
REV 1
logo
Toshiba Semiconductor
TC35670FTG-006 TOSHIBA-TC35670FTG-006 Datasheet
1,014Kb / 69P
TC35670FTG-006 Bluetooth® Smart NFC Tag IC
2016-05-31 Rev 2.1
TC35670FTG TOSHIBA-TC35670FTG Datasheet
425Kb / 16P
TC35670FTG Bluetooth™ LE NFC-Tag IC
November 2014
logo
STMicroelectronics
STEVAL-SMARTAG1 STMICROELECTRONICS-STEVAL-SMARTAG1 Datasheet
148Kb / 4P
NFC Dynamic Tag sensor node evaluation board
22-Jun-2018
STEVAL-SMARTAG2 STMICROELECTRONICS-STEVAL-SMARTAG2 Datasheet
1,023Kb / 11P
NFC dynamic tag sensor and processing node evaluation board
09-Nov-2022
ST25TV04K-P STMICROELECTRONICS-ST25TV04K-P Datasheet
2Mb / 107P
NFC Type 5 / RFID tag IC with 4-Kbit EEPROM and protection
03-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com