Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 65 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 65 Page - ams AG

Back Button AS39513 Datasheet HTML 61Page - ams AG AS39513 Datasheet HTML 62Page - ams AG AS39513 Datasheet HTML 63Page - ams AG AS39513 Datasheet HTML 64Page - ams AG AS39513 Datasheet HTML 65Page - ams AG AS39513 Datasheet HTML 66Page - ams AG AS39513 Datasheet HTML 67Page - ams AG AS39513 Datasheet HTML 68Page - ams AG AS39513 Datasheet HTML 69Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 108 page
background image
ams Datasheet
Page 65
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
System Registers
Mirrored System Registers
The addresses 0x630 through 0x63F access registers whose
values are copied from the EEPROM addresses 0x430 through
043F during device initialization. After initialization, if an
EEPROM write occurs to one or more system EEPROM blocks in
the addresses 0x430 through 0x43F, either from the RFID or SPI
interface, all the system registers in the 0x630 through 0x63F
page are also updated.
The mirrored system register values cannot be accessed directly
through the RFID interface. They can be written directly
through the SPI interface. Writing directly to the address
locations 0x630 through 0x63F only changes the register value;
it does not change the EEPROM value. It is intended that the
register values will be changed directly during system or factory
calibration, and then the final values will be written into
EEPROM when the calibration is complete. These registers
cannot be read. Reading bytes from these address locations just
returns 0x00.
Figure 42:
Mirrored System Registers
Addr.
Bit
7
6
5
4
3
2
1
0
0x630
TV1SET[2:0]
TV1TRIM[4:0]
0x631
TV2SET[2:0]
TV2TRIM[4:0]
0x632
TSMOFF[6:0]
0x633
TSV1G
0x634
EV1SET[2:0]
EV1TRIM[4:0]
0x635
EV2SET[2:0]
EV2TRIM[4:0]
0x636
EXMOFF[6:0]
0x637
EXGAIN[1:0]
EXV1G
0x638
HILIM
LOPOR
ADJUST
CPHLD
OSCEN
TMIEN
TMSRT
0x639
DOSRC[1:0]
DOMD[1:0]
DLOG
DIMD[1:0]
0x63A
BCKSEL[1:0]
BTYPE[2:0]
BATCHK
0x63B
EXCPR
LOGFMT
LOGMD[1:0]
EIEN
EXMEAS
BVMEAS
TSMEAS
0x63C
EXCSET[4:0]
EICUR
EXIVSET[1:0]
0x63D
ACTIVE
EEFULL
OVWRT
ADCERR
LOWBAT
ACTPOR
OVLIM
0x63E
MEASPTR[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com