Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 91 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 91 Page - ams AG

Back Button AS39513 Datasheet HTML 87Page - ams AG AS39513 Datasheet HTML 88Page - ams AG AS39513 Datasheet HTML 89Page - ams AG AS39513 Datasheet HTML 90Page - ams AG AS39513 Datasheet HTML 91Page - ams AG AS39513 Datasheet HTML 92Page - ams AG AS39513 Datasheet HTML 93Page - ams AG AS39513 Datasheet HTML 94Page - ams AG AS39513 Datasheet HTML 95Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 108 page
background image
ams Datasheet
Page 91
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
SPI Commands
The AS39513 has a serial peripheral interface (SPI) bus that
enable full and unlimited EEPROM access. Its primary purpose
is production calibration and UID programming, but it could
also be used by an application to configure the chip during
device test.
The SPI bus uses four digital signals. Three of these signals are
inputs: CE (SPI chip enable), SCLK (SPI clock), and DIN (SPI data
input). One is an output: DOUT (SPI data output). The CE signal
enables the SPI interface when high. (When CE is low, the
DIN/DOUT pins are used by other application functions unless
the SPI direct command “Set IO Mode” has locked the device in
SPI mode). The CE input includes an RD=100k ohm pull down
to ground. If driven externally the CE pin should have a 1nF
capacitor connected to ground. The SCLK is used to control the
timing of the output data and determine when to capture the
input data. The maximum SCLK clock frequency fSLCK is 100kHz.
The SCLK input includes an RD= 100k ohm pull down to ground.
DIN data is captured on the falling edge of SCLK. DOUT data will
change on the rising edge of SCLK. The DIN input can be
configured to have an RD=100k ohm pull down to ground or
RU=30k ohm pull up resistor. See DIMD[1:0].
When CE is set high, a delay time is needed to allow the on-chip
high-speed clock and the digital supply regulators to wake up.
(If the device is locked in SPI mode through the “Set IO Mode”
direct command, this delay is much shorter since the
high-speed clock and regulators remain active.) The SPI
interface also needs to check that DOUT is low. If DOUT is high,
this is a busy signal that indicates that the interface is not ready
to receive SPI commands.
Once there has been sufficient delay and DOUT is low, the
command and any additional input data are clocked in, MSB
first, using SCLK and DIN. For commands with a response, the
DOUT pin will go high to indicate data is ready, and then SCLK
pulses are used to clock out the data on DOUT. For write
commands, DOUT pin acts as a memory busy indicator, going
high while the write is in progress.
Commands are not intended to be chained, that is, CE is
expected to go low after each command. If a command requires
additional processing time after CE goes low, such as an
EEPROM write, the processing continues and the regulators and
high-speed clock are not shut down until the command is
processed.
All SPI commands and data are grouped along 8-bit byte
boundaries. There are three types of commands: write
commands, read commands, and direct commands. The two
MSBs in the 8 or 16-bit command word selects the command
type. Each command type is described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com