Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 94 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 94 Page - ams AG

Back Button AS39513 Datasheet HTML 90Page - ams AG AS39513 Datasheet HTML 91Page - ams AG AS39513 Datasheet HTML 92Page - ams AG AS39513 Datasheet HTML 93Page - ams AG AS39513 Datasheet HTML 94Page - ams AG AS39513 Datasheet HTML 95Page - ams AG AS39513 Datasheet HTML 96Page - ams AG AS39513 Datasheet HTML 97Page - ams AG AS39513 Datasheet HTML 98Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 108 page
background image
Page 94
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
Direct Commands
The direct commands are used for operations that are not
directly related or conveniently mapped to the memory.
The Direct Command Format is below:
where:
DCOM[2:0] – Direct command index. See the table below.
DPARAM[2:0] – Direct command parameter. Its use is
command dependent as described in the table below.
The direct commands that are available are listed in the table
below.
Figure 52:
Direct Commands
Bit
7
6
543
2
1
0
Direct Command
1
1
DCOM[2:0]
DPARAM[2:0]
DCOM
Command
Description
3’b000
Reset
Create a master reset pulse that, like a POR, will reset all internal registers and
cause the calibrations registers to be loaded from EEPROM. The DOUT signal
will go high when the reset takes effect and will remain high while the
calibration registers are loaded. This is implemented by generating a rising
edge on the trig_rst input to the AFE.
3’b001
Set IO Mode
Force the digital I/O into a fixed state. The I/O will remain in that state until a
reset or changed by another command. The I/O state is set by DPARAM, with
the following values:
3’b000 = Application mode.
3’b001 = SPI mode. (Also forces 1.92 MHz clock to stay running.)
3’b010 = Scan mode (requires factory access).
3’b010
Read Hardware ID
Reads the one-byte hard-coded hardware identifier. DPARAM is ignored. The
following identifiers are defined:
8’h11 = AS39513 version 2.0.
3’b100
Set Mode
Duplicates the functionality of the RFID Set Mode command. (See that
command for more details.) The CMODE[1:0] parameter for the Set Mode
command is taken from DPARAM[1:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com