Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 47 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 47 Page - ams AG

Back Button AS39513 Datasheet HTML 43Page - ams AG AS39513 Datasheet HTML 44Page - ams AG AS39513 Datasheet HTML 45Page - ams AG AS39513 Datasheet HTML 46Page - ams AG AS39513 Datasheet HTML 47Page - ams AG AS39513 Datasheet HTML 48Page - ams AG AS39513 Datasheet HTML 49Page - ams AG AS39513 Datasheet HTML 50Page - ams AG AS39513 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
ams Datasheet
Page 47
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
System EEPROM
Global System Parameters
The System EEPROM page from addresses 0x400 through 0x40F
contains several global use System parameters. All have the
standard System level access through RFID and SPI.
Figure 33:
Global System Parameters
STIME[31:0] – Start time. This 32-bit value can be used to mark
the start time for logging. It is not used internally by the
AS39513, so its format can be application dependent.
DSFID[7:0] – Data storage format identifier. This value is written
by the Write DSFID command and read back as part of the Get
System Info command.
AFI[7:0] – Application family identifier. This value is written by
the Write AFI command and is read back as part of the Get
System Info command.
Addr.
RFID
Block
Bit
7
6
5
4
3
2
1
0
0x400
0x00
STIME[7:0]
0x401
STIME[15:6]
0x402
STIME[23:16]
0x403
STIME[31:24]
0x404
0x01
DSFID[7:0]
0x405
AFI[7:0]
0x406
APPBLKS[7:0]
0x407
0x408
0x02
LOGDEL[7:0]
0x409
LOGDEL[11:8]
0x40A
LOGINT[7:0]
0x40B
LOGINT[15:8]
0x40C
0x03
MEASCNT[7:0]
0x40D
MEASCNT[15:8]
0x40E
SKIP16
STRMD
0x40F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com