Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 26 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 26 Page - ams AG

Back Button AS39513 Datasheet HTML 22Page - ams AG AS39513 Datasheet HTML 23Page - ams AG AS39513 Datasheet HTML 24Page - ams AG AS39513 Datasheet HTML 25Page - ams AG AS39513 Datasheet HTML 26Page - ams AG AS39513 Datasheet HTML 27Page - ams AG AS39513 Datasheet HTML 28Page - ams AG AS39513 Datasheet HTML 29Page - ams AG AS39513 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 108 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
Logging Timer
The AS39513 device has an integrated RC oscillator that is
calibrated to fRTC. This oscillator drives the logging timer. The
logging timer resolution is 1 second. The maximum period is
tLOGINT =9.1 hours (32768 seconds). The logging interval is
programmed by setting the LOGINT System parameter.
The measurement real time is derived from 4 parameters – the
Start time (STIME), the Delay time (LOGDEL), the log interval
(LOGINT ), and the # of the measurement (MEASCNT ). This value
has to be calculated in the reader by the equation:
Real time = STIME+LOGDEL+LOGINT*MEASCNT
Delay Time
The AS39513 supports delayed start of the logging procedure.
The Delay time has a resolution of 8 minutes - 32 seconds (512
seconds) and a maximum value of 582 hours (12 bits). The delay
time value is set with the LOGDEL System parameter, while the
Delay time counter starts counting when the device enter in
WAIT mode.
The delay time can also be disabled and an external push button
at the DIN pin can be used for starting the logging procedure.
When in the WAIT state, a pull-up current is supplied to DIN. A
falling edge on DIN manually causes a transition from WAIT
mode to ACTIVE mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com