Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS39513 Datasheet(PDF) 10 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 10 Page - ams AG

Back Button AS39513 Datasheet HTML 6Page - ams AG AS39513 Datasheet HTML 7Page - ams AG AS39513 Datasheet HTML 8Page - ams AG AS39513 Datasheet HTML 9Page - ams AG AS39513 Datasheet HTML 10Page - ams AG AS39513 Datasheet HTML 11Page - ams AG AS39513 Datasheet HTML 12Page - ams AG AS39513 Datasheet HTML 13Page - ams AG AS39513 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Electrical Characteristics
Figure 7:
Current Consumption in Different Modes
Note(s):
1. The values at -20°C and 65°C are typical but not measured in final test.
Figure 8:
Operating Conditions
Symbol
Parameter
VBAT
Temperature
Unit
Conditions
[V]
[°C]
-20
25
65
I idle
Idle Mode Current
(RTC off )
3.0
0.83
0.81
1.14
μA
1.5
0.34
0.37
0.71
μA
I wait
Wait Mode Current
(RTC on)
3.0
2.06
2.06
2.37
μA
1.5
1.46
1.52
1.86
μA
I active
Active Mode Current
(RTC on)
3.0
2.06
2.06
2.37
μA
1.5
1.46
1.52
1.86
μA
Symbol
Parameter
Min
Max
Unit
Comments
VBAT
Battery Voltage
1.35
3.6
V
ILIM
Limiter Current
30
mA
tRAMP
VBAT Ramp up time to
1.35V during power up
30
μs
Ensures correct loading of registers
from EEPROM
VSEXT
SEXT Input Voltage
01
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com